Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 25Page - STMicroelectronics STM32U575VG Datasheet HTML 26Page - STMicroelectronics STM32U575VG Datasheet HTML 27Page - STMicroelectronics STM32U575VG Datasheet HTML 28Page - STMicroelectronics STM32U575VG Datasheet HTML 29Page - STMicroelectronics STM32U575VG Datasheet HTML 30Page - STMicroelectronics STM32U575VG Datasheet HTML 31Page - STMicroelectronics STM32U575VG Datasheet HTML 32Page - STMicroelectronics STM32U575VG Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 329 page
background image
DS13737 Rev 6
29/329
STM32U575xx
Functional overview
88
3.6.2
Default TrustZone security state
The default system security state is detailed below:
•
CPU:
–
Cortex-M33 is in secure state after reset. The boot address must be in secure
address.
•
Memory map:
–
SAU is fully secure after reset. Consequently, all memory map is fully secure.
Up to eight SAU configurable regions are available for security attribution.
•
Flash memory:
–
Flash memory security area is defined by watermark user options.
–
Flash memory block based area is non-secure after reset.
•
SRAMs:
–
All SRAMs are secure after reset. MPCBB (memory protection block based
controller) is secure.
•
External memories:
–
FSMC, OCTOSPI banks are secure after reset. MPCWMx (memory protection
watermark based controller) is secure.
•
Peripherals
–
Securable peripherals are non-secure after reset.
–
TrustZone-aware peripherals are non-secure after reset. Their secure
configuration registers are secure.
•
All GPIOs are secure after reset.
•
Interrupts:
–
NVIC: All interrupts are secure after reset. NVIC is banked for secure and non-
secure state.
•
TZIC: All illegal access interrupts are disabled after reset.
3.7
Boot modes
At startup, a BOOT0 pin, nBOOT0, NSBOOTADDx[24:0] (x = 0, 1) and
SECBOOTADD0[24:0] option bytes are used to select the boot memory address that
includes:
•
Boot from any address in user Flash memory.
•
Boot from system memory bootloader.
•
Boot from any address in embedded SRAM.
•
Boot from RSS (root security services).
The BOOT0 value comes from the PH3-BOOT0 pin or from an option bit depending on the
value of a user option bit to free the GPIO pad if needed.
The bootloader is located in the system memory, programmed by ST during production.
The bootloader is used to reprogram the Flash memory by using USART, I2C, SPI, FDCAN
or USB FS in device mode through the DFU (device firmware upgrade).
The bootloader is available on all devices. Refer to the application note
STM32 microcontroller system memory boot mode (AN2606) for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com