Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 14Page - STMicroelectronics STM32U575VG Datasheet HTML 15Page - STMicroelectronics STM32U575VG Datasheet HTML 16Page - STMicroelectronics STM32U575VG Datasheet HTML 17Page - STMicroelectronics STM32U575VG Datasheet HTML 18Page - STMicroelectronics STM32U575VG Datasheet HTML 19Page - STMicroelectronics STM32U575VG Datasheet HTML 20Page - STMicroelectronics STM32U575VG Datasheet HTML 21Page - STMicroelectronics STM32U575VG Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 329 page
background image
Description
STM32U575xx
18/329
DS13737 Rev 6
Communication
interfaces
SPI
3
I2C
4
USART
3
UART
1
2
LPUART
1
SAI
1
2
FDCAN
1
OTG FS
Yes
UCPD
Yes
SDMMC
0
2(4)
Camera interface
No
Yes/No(5)
Yes
PSSI
No
Yes/No(5)
Yes
MDF (multi-function digital filter)
Yes
(2 filters)
Yes
(6 filters)
ADF (audio digital filter)
Yes
CORDIC co-processor
Yes
FMAC (filter mathematical
accelerator)
Yes
RTC (real-time clock)
Yes
Tamper pins (without SMPS /
with SMPS)
Active tampers (without SMPS /
with SMPS)(6)
3 / 3
2 / 2
4 / 3
3 / 2
- / 8
- / 7
8 / 7
7 / 6
8 / 8
7 / 7
8 / 7
7 / 6
8 / 8
7 / 7
True random number generator
Yes
HASH (SHA-256)
Yes
GPIOs (without SMPS /
with SMPS)
Wakeup pins (without SMPS /
with SMPS)
Number of I/Os down to 1.08 V
(without SMPS / with SMPS)
37 / 33
17 / 15
0 / 0
51 / 47
18 / 17
0 / 0
69
23
6
82 / 79
23 / 22
0 / 0
110 / 106
24 / 24
13 / 10
114 / 111
24 / 23
14 / 13
136 / 133
24 / 24
14 / 11
Capacitive sensing
Number of channels (without SMPS
/ with SMPS)
5 / 4
10 / 9
11
19 / 18
22 / 22
22 / 21
22 / 22
Table 2. STM32U575xx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com