Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 83Page - STMicroelectronics STM32U575VG Datasheet HTML 84Page - STMicroelectronics STM32U575VG Datasheet HTML 85Page - STMicroelectronics STM32U575VG Datasheet HTML 86Page - STMicroelectronics STM32U575VG Datasheet HTML 87Page - STMicroelectronics STM32U575VG Datasheet HTML 88Page - STMicroelectronics STM32U575VG Datasheet HTML 89Page - STMicroelectronics STM32U575VG Datasheet HTML 90Page - STMicroelectronics STM32U575VG Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 329 page
background image
DS13737 Rev 6
87/329
STM32U575xx
Functional overview
88
•
Software-configurable to operate as:
–
SRP capable USB FS peripheral (B-device)
–
SRP capable USB FS/LS host (A-device)
–
USB On-The-Go Full-Speed dual role device
•
Supports FS SOF and LS keep-alives with
–
SOF pulse PAD connectivity
–
SOF pulse internal connection to timer (TIMx)
–
Configurable framing period
–
Configurable end of frame interrupt
•
USB 2.0 link power management (LPM) support
•
Includes power saving features such as system stop during USB suspend, switch-off
of clock domains internal to the digital core, PHY and DFIFO power management.
•
Dedicated RAM of 1.25 Kbytes with advanced FIFO control:
–
Configurable partitioning of RAM space into different FIFOs for flexible and
efficient use of RAM
–
Each FIFO able to hold multiple packets
–
Dynamic memory allocation
–
Configurable FIFO sizes that are not powers of two to allow the use of contiguous
memory locations
•
Max guaranteed USB bandwidth for up to one frame (1 ms) without system intervention
•
Support of charging port detection as described in Battery Charging Specification
revision 1.2 on the FS PHY transceiver only.
Host-mode features:
•
External charge pump for VBUS voltage generation.
•
Up to 12 host channels (pipes): each channel is dynamically reconfigurable to allocate
any type of USB transfer.
•
Built-in hardware scheduler holding:
–
Up to 12 interrupt plus isochronous transfer requests in the periodic hardware
queue
–
Up to 12 control plus bulk transfer requests in the non-periodic hardware queue
•
Management of a shared Rx FIFO, a periodic Tx FIFO and a non-periodic Tx FIFO for
efficient usage of the USB data RAM
Peripheral-mode features:
•
1 bidirectional control endpoint0
•
5 IN endpoints (EPs) configurable to support bulk, interrupt or isochronous transfers
•
5 OUT endpoints configurable to support bulk, interrupt or isochronous transfers
•
Management of a shared Rx FIFO and a Tx-OUT FIFO for efficient usage of the USB
data RAM
•
Management of up to 6 dedicated Tx-IN FIFOs (one for each active IN EP) to put less
load on the application
•
Support for the soft disconnect feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com