Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 82Page - STMicroelectronics STM32U575VG Datasheet HTML 83Page - STMicroelectronics STM32U575VG Datasheet HTML 84Page - STMicroelectronics STM32U575VG Datasheet HTML 85Page - STMicroelectronics STM32U575VG Datasheet HTML 86Page - STMicroelectronics STM32U575VG Datasheet HTML 87Page - STMicroelectronics STM32U575VG Datasheet HTML 88Page - STMicroelectronics STM32U575VG Datasheet HTML 89Page - STMicroelectronics STM32U575VG Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 329 page
background image
Functional overview
STM32U575xx
86/329
DS13737 Rev 6
3.46
Controller area network (FDCAN)
The controller area network (CAN) subsystem consists of one CAN module, a shared
message RAM memory and a configuration block.
The modules (FDCAN) are compliant with ISO 11898-1: 2015 (CAN protocol specification
version 2.0 part A, B) and CAN FD protocol specification version 1.0.
A 0.8-Kbyte message RAM implements filters, receives FIFOs, transmits event FIFOs and
transmits FIFOs.
The FDCAN main features are:
•
Conform with CAN protocol version 2.0 part A, B and ISO 11898-1: 2015, -4
•
CAN FD with maximum 64 data bytes supported
•
CAN error logging
•
AUTOSAR and J1939 support
•
Improved acceptance filtering
•
2 receive FIFOs of three payloads each (up to 64 bytes per payload)
•
Separate signaling on reception of high priority messages
•
Configurable transmit FIFO / queue of three payload (up to 64 bytes per payload)
•
Configurable transmit Event FIFO
•
Programmable loop-back test mode
•
Maskable module interrupts
•
Two clock domains: APB bus interface and CAN core kernel clock
•
Power-down support
3.47
USB on-the-go full-speed (OTG_FS)
The devices embed a USB OTG full-speed device/host/OTG peripheral with integrated
transceivers. The USB OTG_FS peripheral is compliant with the USB 2.0 specification and
with the OTG 2.0 specification. It has software-configurable endpoint setting and supports
suspend/resume.
This interface requires a precise 48 MHz clock that can be generated from the internal main
PLL (the clock source must use a HSE crystal oscillator) or by the internal 48 MHz oscillator
(HSI48) in Automatic-trimming mode. The synchronization for this oscillator can be taken
from the USB data stream itself (SOF signalization) that allows crystal less operation.
The OTG_FS features are:
•
USB-IF certified to the Universal Serial Bus Specification Rev 2.0
•
On-chip full-speed PHY
•
Full support (PHY) for the optional OTG (on-the-go) protocol detailed in the OTG
Supplement Rev 2.0 specification
–
Integrated support for A-B device identification (ID line)
–
Integrated support for host negotiation protocol (HNP) and session request
protocol (SRP)
–
Allows host to turn VBUS off to conserve battery power in OTG applications
–
Supports OTG monitoring of VBUS levels with internal comparators
–
Supports dynamic host-peripheral switch of role



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com