Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 15Page - STMicroelectronics STM32U575VG Datasheet HTML 16Page - STMicroelectronics STM32U575VG Datasheet HTML 17Page - STMicroelectronics STM32U575VG Datasheet HTML 18Page - STMicroelectronics STM32U575VG Datasheet HTML 19Page - STMicroelectronics STM32U575VG Datasheet HTML 20Page - STMicroelectronics STM32U575VG Datasheet HTML 21Page - STMicroelectronics STM32U575VG Datasheet HTML 22Page - STMicroelectronics STM32U575VG Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 329 page
background image
DS13737 Rev 6
19/329
STM32U575xx
Description
20
ADC
12-bit ADC
1
14-bit ADC
1
Nbr of channels
(without SMPS /
with SMPS)
11 / 10
17 / 15
16
20 / 18
24 / 24
24 / 22
24 / 24
DAC
Number of 12-bit
D-to-A converters
2
Internal voltage reference buffer
No
Yes
Analog comparator
2
Operational amplifiers
2
Maximum CPU frequency
160 MHz
Operating voltage
1.71 to 3.6 V
Operating temperature
Ambient operating temperature: –40 to +85 °C / –40 to +125 °C
Junction temperature: –40 to +105 °C / –40 to +130 °C
Package
LQFP48,
UFQFPN
48
LQFP64
WLCSP
90
LQFP
100
UFBGA
132
LQFP144
UFBGA
169
1. For the WLCSP90 package, FSMC can only support 8-bit LCD interface.
2. For the LQFP100 package, only FSMC Bank1 is available. Bank1 can only support a multiplexed NOR/PSRAM memory
using the NE1 chip select.
3. Two OCTOSPIs are available only in Muxed mode.
4. When both are used simultaneously, one supports only SDIO interface.
5. Available on packages without SMPS, not available on packages with SMPS.
6. Active tampers in output sharing mode (one output shared by all inputs).
Table 2. STM32U575xx features and peripheral counts (continued)
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com