Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 24Page - STMicroelectronics STM32U575VG Datasheet HTML 25Page - STMicroelectronics STM32U575VG Datasheet HTML 26Page - STMicroelectronics STM32U575VG Datasheet HTML 27Page - STMicroelectronics STM32U575VG Datasheet HTML 28Page - STMicroelectronics STM32U575VG Datasheet HTML 29Page - STMicroelectronics STM32U575VG Datasheet HTML 30Page - STMicroelectronics STM32U575VG Datasheet HTML 31Page - STMicroelectronics STM32U575VG Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 329 page
background image
Functional overview
STM32U575xx
28/329
DS13737 Rev 6
Based on IDAU security attribution, the Flash memory, system SRAM and peripheral
memory space is aliased twice for secure and non-secure states. However, the external
memory space is not aliased.
The table below shows an example of typical SAU region configuration based on IDAU
regions. The user can split and choose the secure, non-secure or NSC regions for external
memories as needed.
3.6.1
TrustZone peripheral classification
When the TrustZone security is active, a peripheral can be either securable or
TrustZone-aware type as follows:
•
securable: peripheral protected by an AHB/APB firewall gate that is controlled from
TZSC to define security properties
•
TrustZone-aware: peripheral connected directly to AHB or APB bus and implementing
a specific TrustZone behavior such as a subset of registers being secure
Table 5. Example of memory map security attribution versus SAU configuration regions
Region
description
Address range
IDAU security
attribution
SAU security
attribution typical
configuration
Final security
attribution
Code - external memories
0x0000 0000
0x07FF FFFF
Non-secure
Secure or
non-secure or NSC(1)
Secure or
non-secure or NSC
Code - Flash and SRAM
0x0800 0000
0x0BFF FFFF
Non-secure
Non-secure
Non-secure
0x0C00 0000
0x0FFF FFFF
NSC
Secure or NSC
Secure or NSC
Code - external memories
0x1000 0000
0x17FF FFFF
Non-secure
Non-secure
0x1800 0000
0x1FFF FFFF
SRAM
0x2000 0000
0x2FFF FFFF
Non-secure
0x3000 0000
0x3FFF FFFF
NSC
Secure or NSC
Secure or NSC
Peripherals
0x4000 0000
0x4FFF FFFF
Non-secure
Non-secure
Non-secure
0x5000 0000
0x5FFF FFFF
NSC
Secure or NSC
Secure or NSC
External memories
0x6000 0000
0xDFFF FFFF
Non-secure
Secure or
non-secure or NSC
Secure or
non-secure or NSC
1. NSC = non-secure callable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com