Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 12Page - STMicroelectronics STM32U575VG Datasheet HTML 13Page - STMicroelectronics STM32U575VG Datasheet HTML 14Page - STMicroelectronics STM32U575VG Datasheet HTML 15Page - STMicroelectronics STM32U575VG Datasheet HTML 16Page - STMicroelectronics STM32U575VG Datasheet HTML 17Page - STMicroelectronics STM32U575VG Datasheet HTML 18Page - STMicroelectronics STM32U575VG Datasheet HTML 19Page - STMicroelectronics STM32U575VG Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 329 page
background image
Description
STM32U575xx
16/329
DS13737 Rev 6
2
Description
The STM32U575xx devices belong to an ultra-low-power microcontrollers family
(STM32U5 Series) based on the high-performance Arm® Cortex®-M33 32-bit RISC core.
They operate at a frequency of up to 160 MHz.
The Cortex®-M33 core features a single-precision FPU (floating-point unit), that supports all
the Arm® single-precision data-processing instructions and all the data types.
The Cortex®-M33 core also implements a full set of DSP (digital signal processing)
instructions and a MPU (memory protection unit) that enhances the application security.
The devices embed high-speed memories (up to 2 Mbytes of Flash memory and 786 Kbytes
of SRAM), a FSMC (flexible external memory controller) for static memories (for devices
with packages of 90 pins and more), two Octo-SPI Flash memory interfaces (at least one
Quad-SPI available on all packages) and an extensive range of enhanced I/Os and
peripherals connected to three APB buses, three AHB buses and a 32-bit multi-AHB bus
matrix.
The devices offer security foundation compliant with the TBSA (trusted-based security
architecture) requirements from Arm®. It embeds the necessary security features to
implement a secure boot, secure data storage and secure firmware update. Besides these
capabilities, the devices incorporate a secure firmware installation feature, that allows the
customer to secure the provisioning of the code during its production. A flexible lifecycle is
managed thanks to multiple levels of readout protection and debug unlock with password.
Firmware hardware isolation is supported thanks to securable peripherals, memories and
I/Os, and privilege configuration of peripherals and memories.
The devices feature several protection mechanisms for embedded Flash memory and
SRAM: readout protection, write protection, secure and hide protection areas.
The devices embed several peripherals reinforcing security: with DPA resistance, a HASH
hardware accelerator, and a true random number generator.
The devices offer active tamper detection and protection against transient and
environmental perturbation attacks, thanks to several internal monitoring generating secret
data erase in case of attack. This helps to fit the PCI requirements for point of sales
applications.
The devices offer one fast 14-bit ADC (2.5 Msps), one 12-bit ADC (2.5 Msps), two
comparators, two operational amplifiers, two DAC channels, an internal voltage reference
buffer, a low-power RTC, four 32-bit general-purpose timers, two 16-bit PWM timers
dedicated to motor control, three 16-bit general-purpose timers, two 16-bit basic timers and
four 16-bit low-power timers.
The devices support a MDF (multi-function digital filter) with six filters dedicated to the
connection of external sigma-delta modulators. Another low-power digital filter dedicated to
audio signals is embedded (ADF), with one filter supporting sound-activity detection. The
devices embed also a Chrom-ART Accelerator dedicated to graphic applications, and
mathematical accelerators (a trigonometric functions accelerator plus a filter mathematical
accelerator). In addition, up to 22 capacitive sensing channels are available.
The devices also feature standard and advanced communication interfaces such as:
four I2Cs, three SPIs, three USARTs, two UARTs, one low-power UART, two SAIs, one
digital camera interface (DCMI), two SDMMCs, one FDCAN, one USB OTG full-speed,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com