Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 56Page - STMicroelectronics STM32U575VG Datasheet HTML 57Page - STMicroelectronics STM32U575VG Datasheet HTML 58Page - STMicroelectronics STM32U575VG Datasheet HTML 59Page - STMicroelectronics STM32U575VG Datasheet HTML 60Page - STMicroelectronics STM32U575VG Datasheet HTML 61Page - STMicroelectronics STM32U575VG Datasheet HTML 62Page - STMicroelectronics STM32U575VG Datasheet HTML 63Page - STMicroelectronics STM32U575VG Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 329 page
background image
Functional overview
STM32U575xx
60/329
DS13737 Rev 6
3.28.1
Analog-to-digital converter 1 (ADC1)
The ADC1 is a 14-bit ADC successive approximation analog-to-digital converter.
This ADC has up to 20 multiplexed channels. A/D conversion of the various channels can
be performed in Single, Continuous, Scan or Discontinuous mode. The result of the ADC is
stored in a left-aligned or right-aligned 32-bit data register.
This ADC is mapped on the AHB bus to allow fast data handling. The analog watchdog
features allow the application to detect if the input voltage goes outside the user-defined
high or low thresholds.
A built-in hardware over sampler allows analog performances to be improved while
off-loading the related computational burden from the CPU.
An efficient low-power mode is implemented to allow very low consumption at low
frequency.
The ADC1 main features are:
•
High-performance features
–
14-, 12-, 10- or 8-bit configurable resolution
–
A/D conversion time independent from the AHB bus clock frequency
–
Faster conversion time by lowering resolution
–
Management of single-ended or differential inputs (programmable per channels)
–
Fast data handling thanks to the AHB slave bus interface
–
Self-calibration (both offset and linearity)
–
Channel-wise programmable sampling time
–
Flexible sampling time control
–
Up to four injected channels (analog inputs assignment to regular or injected
channels is fully configurable)
–
Fast context switching thanks to the hardware assistant that prepares the context
of the injected channels
Injected channel conversion
X
-
Oversampling
up to x1024
up to x256
Data register
32 bits
16 bits
DMA support
X
X
Parallel data output to MDF
X
-
Autonomous mode
-
X
Offset compensation
X
-
Gain compensation
X
-
Number of analog watchdogs
3
3
Wakeup from Stop mode
-
X(2)
1. X = supported.
2. Wakeup supported from Stop 0, Stop 1 and Stop 2 modes.
Table 15. ADC features (continued)
ADC modes/features(1)
ADC1
ADC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com