Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 1 Page - STMicroelectronics

  STM32U575VG Datasheet HTML 1Page - STMicroelectronics STM32U575VG Datasheet HTML 2Page - STMicroelectronics STM32U575VG Datasheet HTML 3Page - STMicroelectronics STM32U575VG Datasheet HTML 4Page - STMicroelectronics STM32U575VG Datasheet HTML 5Page - STMicroelectronics STM32U575VG Datasheet HTML 6Page - STMicroelectronics STM32U575VG Datasheet HTML 7Page - STMicroelectronics STM32U575VG Datasheet HTML 8Page - STMicroelectronics STM32U575VG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 329 page
background image
This is information on a product in full production.
June 2022
DS13737 Rev 6
1/329
STM32U575xx
Ultra-low-power Arm® Cortex®-M33 32-bit MCU+TrustZone®+FPU,
240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
Datasheet
- production data
Features
Includes ST state-of-the-art patented
technology
Ultra-low-power with FlexPowerControl
• 1.71 V to 3.6 V power supply
• –40 °C to +85/125 °C temperature range
• Low-power background autonomous mode
(LPBAM): autonomous peripherals with DMA,
functional down to Stop 2 mode
• VBAT mode: supply for RTC, 32 x 32-bit backup
registers and 2-Kbyte backup SRAM
• 160 nA Shutdown mode (24 wakeup pins)
• 210 nA Standby mode (24 wakeup pins)
• 440 nA Standby mode with RTC
• 1.9 μA Stop 3 mode with 16-Kbyte SRAM
• 4.3 µA Stop 3 mode with full SRAM
• 4.0 µA Stop 2 mode with 16-Kbyte SRAM
• 8.95 µA Stop 2 mode with full SRAM
• 19.5 μA/MHz Run mode @ 3.3 V
Core
• Arm® 32-bit Cortex®-M33 CPU with
TrustZone®, MPU, DSP, and FPU
ART Accelerator
• 8-Kbyte instruction cache allowing 0-wait-state
execution from Flash and external memories:
up to 160 MHz, 240 DMIPS
• 4-Kbyte data cache for external memories
Power management
• Embedded regulator (LDO) and SMPS
step-down converter supporting switch
on-the-fly and voltage scaling
Benchmarks
• 1.5 DMIPS/MHz (Drystone 2.1)
• 651 CoreMark® (4.07 CoreMark®/MHz)
• 535 ULPMark™-CP
• 149 ULPMark™-PP
• 58.2 ULPMark™-CM
• 133000 SecureMark™-TLS
Memories
• 2-Mbyte Flash memory with ECC, 2 banks
read-while-write, including 512 Kbytes with
100 kcycles
• 786-Kbyte SRAM with ECC OFF or 722-Kbyte
SRAM including up to 322-Kbyte SRAM with
ECC ON
• External memory interface supporting SRAM,
PSRAM, NOR, NAND and FRAM memories
• 2 Octo-SPI memory interfaces
Security
• Arm® TrustZone® and securable I/Os,
memories and peripherals
• Flexible life cycle scheme with RDP and
password protected debug
• Root of trust thanks to unique boot entry and
secure hide protection area (HDP)
• Secure firmware installation (SFI) thanks to
embedded root secure services (RSS)
• Secure firmware upgrade support with TF-M
• HASH hardware accelerator
• True random number generator, NIST
SP800-90B compliant
• 96-bit unique ID
LQFP48 (7 x 7 mm)
LQFP64 (10 x 10 mm)
LQFP100 (14 x 14 mm)
LQFP144 (20 x 20 mm)
UFQFPN48
(7 x 7 mm)
WLCSP90
(4.2 x 3.95 mm)
UFBGA132
(7 x 7 mm)
UFBGA169
(7 x 7 mm)
www.st.com


Similar Part No. - STM32U575VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U575VGT6 STMICROELECTRONICS-STM32U575VGT6 Datasheet
1Mb / 30P
Getting started with STM32CubeU5 for STM32U5 series
12-Jan-2024
STM32U575VGT6Q STMICROELECTRONICS-STM32U575VGT6Q Datasheet
1Mb / 30P
Getting started with STM32CubeU5 for STM32U5 series
12-Jan-2024
More results

Similar Description - STM32U575VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32L062K8 STMICROELECTRONICS-STM32L062K8_V01 Datasheet
1Mb / 124P
Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
19-Aug-2020
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
logo
STMicroelectronics
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com