Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 30Page - STMicroelectronics STM32U575VG Datasheet HTML 31Page - STMicroelectronics STM32U575VG Datasheet HTML 32Page - STMicroelectronics STM32U575VG Datasheet HTML 33Page - STMicroelectronics STM32U575VG Datasheet HTML 34Page - STMicroelectronics STM32U575VG Datasheet HTML 35Page - STMicroelectronics STM32U575VG Datasheet HTML 36Page - STMicroelectronics STM32U575VG Datasheet HTML 37Page - STMicroelectronics STM32U575VG Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 329 page
background image
Functional overview
STM32U575xx
34/329
DS13737 Rev 6
–VREF+ around 2.048 V. This requires VDDA ≥ 2.4 V.
–VREF+ around 2.5 V. This requires VDDA ≥ 2.8 V.
VREF- and VREF+ pins are not available on all packages. When not available, they are
bonded to VSSA and VDDA, respectively.
When the VREF+ is double-bonded with VDDA in a package, the internal voltage
reference buffer is not available and must be kept disabled.
VREF- must always be equal to VSSA.
The STM32U575xx devices embed two regulators: one LDO and one SMPS in parallel to
provide the VCORE supply for digital peripherals, SRAM1, SRAM2, SRAM3 and SRAM4 and
embedded Flash memory. The SMPS generates this voltage on VDD11 (two pins), with
a total external capacitor of 4.7 μF typical. SMPS requires an external coil of 2.2 μH typical.
The LDO generates this voltage on VCAP pin connected to an external capacitor of 4.7 μF
typical.
Both regulators can provide four different voltages (voltage scaling) and can operate in
Stop modes.
It is possible to switch from SMPS to LDO and from LDO to SMPS on-the-fly.
Figure 2. STM32U575xQ power supply overview (with SMPS)
MSv63604V3
USB transceiver
Core
SRAM1
SRAM2
SRAM3
SRAM4
Digital
peripherals
LSE crystal 32 kHz oscillator
LSI 32 kHz oscillator
Backup registers
RCC_BDCR and PWR_BDCR1 registers
RTC
TAMP
BKPSRAM
VDDA domain
Backup domain
Standby circuitry
(Wakeup logic, IWDG)
LDO regulator
Low-voltage detector
I/O ring
VCORE domain
Temperature sensor
Reset block
3 x PLL
Internal RC oscillators
Flash memory
VDDUSB
VDDIO2
VDDIO1
I/O ring
PG[15:2]
VDDIO2
VDDA
VSSA
VSS
VSS
VDDIO2 domain
VDD domain
VCORE
VSS
VDD
VBAT
2x VDD11
SMPS regulator
Voltage regulator
VLXSMPS
VDDSMPS
VSSSMPS
A/D converters
Comparators
D/A converters
Operational amplifiers
Voltage reference buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com