Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 49Page - STMicroelectronics STM32U575VG Datasheet HTML 50Page - STMicroelectronics STM32U575VG Datasheet HTML 51Page - STMicroelectronics STM32U575VG Datasheet HTML 52Page - STMicroelectronics STM32U575VG Datasheet HTML 53Page - STMicroelectronics STM32U575VG Datasheet HTML 54Page - STMicroelectronics STM32U575VG Datasheet HTML 55Page - STMicroelectronics STM32U575VG Datasheet HTML 56Page - STMicroelectronics STM32U575VG Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 329 page
background image
DS13737 Rev 6
53/329
STM32U575xx
Functional overview
88
•
Four concurrent DMA channels:
–
Intra-channel DMA transfers chaining via programmable linked-list into memory,
supporting two execution modes: run-to-completion and link step mode
–
Intra-channel and inter-channel DMA transfers chaining via programmable DMA
input triggers connection to DMA task completion events
•
Per linked-list item within a channel:
–
Separately programmed source and destination transfers
–
Programmable data handling between source and destination: byte-based
padding or truncation, sign extension and left/right realignment
–
Programmable number of data bytes to be transferred from the source, defining
the block level
–
Linear source and destination addressing: either fixed or contiguously
incremented addressing, programmed at a block level, between successive
single transfers
–
Programmable DMA request and trigger selection
–
Programmable DMA half-transfer and transfer complete events generation
–
Pointer to the next linked-list item and its data structure in memory, with automatic
update of the DMA linked-list control registers
•
Debug:
–
Channel suspend and resume support
–
Channel status reporting and event flags
•
TrustZone support
–
Support for secure and non-secure DMA transfers, independently at a first
channel level, and independently at a source/destination and link sub-levels
–
Secure and non-secure interrupts reporting, resulting from any of the respectively
secure and non-secure channels
–
TrustZone-aware AHB slave port, protecting any DMA secure resource (register,
register field) from a non-secure access
•
Privileged/unprivileged support:
–
Support for privileged and unprivileged DMA transfers, independently at
channel level
–
Privileged-aware AHB slave port
Table 13. LPDMA1 channels implementation and usage
Channel
x
Hardware parameters
Features
dma_fifo_
size[x]
dma_
addressing[x]
x = 0 to 3
0
0
Channel x (x = 0 to 3) is implemented with:
– no FIFO. Only a single source transfer cell is internally registered.
– fixed/contiguously incremented addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com