Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 13Page - STMicroelectronics STM32U575VG Datasheet HTML 14Page - STMicroelectronics STM32U575VG Datasheet HTML 15Page - STMicroelectronics STM32U575VG Datasheet HTML 16Page - STMicroelectronics STM32U575VG Datasheet HTML 17Page - STMicroelectronics STM32U575VG Datasheet HTML 18Page - STMicroelectronics STM32U575VG Datasheet HTML 19Page - STMicroelectronics STM32U575VG Datasheet HTML 20Page - STMicroelectronics STM32U575VG Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 329 page
background image
DS13737 Rev 6
17/329
STM32U575xx
Description
20
one USB Type-C /USB Power Delivery controller, and one generic synchronous 8-/16-bit
PSSI (parallel data input/output slave interface).
The devices operate in the –40 to +85 °C (+105 °C junction) and –40 to +125 °C
(+130 °C junction) temperature ranges from a 1.71 to 3.6 V power supply.
A comprehensive set of power-saving modes allow the design of low-power applications.
Many peripherals (including communication, analog, timers and audio peripherals) can be
functional and autonomous down to Stop mode with direct memory access, thanks to
LPBAM support (low-power background autonomous mode).
Some independent power supplies are supported like an analog independent supply input
for ADC, DACs, OPAMPs and comparators, a 3.3 V dedicated supply input for USB and
up to 14 I/Os, that can be supplied independently down to 1.08 V. A VBAT input is available
for connecting a backup battery in order to preserve the RTC functionality and to backup 32
32-bit registers and 2-Kbyte SRAM.
The devices offer eight packages from 48 to 169 pins.
Table 2. STM32U575xx features and peripheral counts
Peripherals
Flash memory (Mbytes)
1 (for STM32U575xG) - 2 (for STM32U575xI)
SRAM
System (Kbytes)
784 (192+64+512+16)
Backup (bytes)
2048 backup SRAM + 128 backup registers
External memory controller for
static memories (FSMC)
No
Yes(1)
Yes(2)
OCTOSPI
2(3)
2
Timers
Advanced control
2 (16 bits)
General purpose
4 (32 bits) and 3 (16 bits)
Basic
2 (16 bits)
Low power
4 (16 bits)
SysTick timer
2
Watchdog timers
(independent,
window)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com