Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 120Page - STMicroelectronics STM32U575VG Datasheet HTML 121Page - STMicroelectronics STM32U575VG Datasheet HTML 122Page - STMicroelectronics STM32U575VG Datasheet HTML 123Page - STMicroelectronics STM32U575VG Datasheet HTML 124Page - STMicroelectronics STM32U575VG Datasheet HTML 125Page - STMicroelectronics STM32U575VG Datasheet HTML 126Page - STMicroelectronics STM32U575VG Datasheet HTML 127Page - STMicroelectronics STM32U575VG Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 329 page
background image
-
-----
D10
-
----
D10
PI3
I/O
FT_h
-
TIM8_ETR, SPI2_MOSI,
OCTOSPIM_P2_IO0,
DCMI_D10/PSSI_D10, EVENTOUT
-
-
-----
B2
-
----
B2
VSS
S
-
-
-
-
-
-----
B1
-
----
B1
VDD
S
-
-
-
-
-
-----
B10
-
----
B10
PI4
I/O
FT
-
TIM8_BKIN, SPI2_RDY,
DCMI_D5/PSSI_D5, EVENTOUT
-
-
-----
B3
-
----
B3
PI5
I/O
FT_h
-
TIM8_CH1, OCTOSPIM_P2_NCS,
DCMI_VSYNC/PSSI_RDY,
EVENTOUT
-
-
-----
A2
-
----
A2
PI6
I/O FT_hv
-
TIM8_CH2, OCTOSPIM_P2_CLK,
DCMI_D6/PSSI_D6, EVENTOUT
-
-
-----
C3
-
----
C3
PI7
I/O FT_hv
-
TIM8_CH3, OCTOSPIM_P2_NCLK,
DCMI_D7/PSSI_D7, EVENTOUT
-
1. Function availability depends on the chosen device.
2. PC13, PC14 and PC15 are supplied through the power switch (by VSW). Since the switch only sinks a limited amount of current (3 mA), the use of PC13 to PC15 GPIOs
in output mode is limited:
- The speed must not exceed 2 MHz with a maximum load of 30 pF.
- These GPIOs must not be used as current sources (for example to drive a LED).
3. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function depends then on the content of the RTC registers that are not reset by the
system reset. For details on how to manage these GPIOs, refer to the Backup domain and RTC register descriptions in the product reference manual.
4. After reset, a pull-down resistor (Rd = 5.1 kΩ from UCPD peripheral) can be activated on PA15 and PB15 (UCPD1_CC1, UCPD1_CC2). The pull-down on PA15
(UCPD1_CC1) is activated by high level on PB5 (UCPD1_DBCC1). The pull-down on PB15 (UCPD1_CC2) is activated by high level on PB14 (UCPD1_DBCC2).
This pull-down control (dead battery support on UCPD) can be disabled by setting UCPD_DBDIS = 1 in the PWR_UCPDR register.
5. After reset, this pin is configured as JTAG/SWD alternate functions. The internal pull-up on PA15, PA13, PB4 pins and the internal pull-down on PA14 pin are activated.
Table 26. STM32U575xx pin definitions(1) (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com