Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 236 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 236 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 232Page - STMicroelectronics STM32U575VG Datasheet HTML 233Page - STMicroelectronics STM32U575VG Datasheet HTML 234Page - STMicroelectronics STM32U575VG Datasheet HTML 235Page - STMicroelectronics STM32U575VG Datasheet HTML 236Page - STMicroelectronics STM32U575VG Datasheet HTML 237Page - STMicroelectronics STM32U575VG Datasheet HTML 238Page - STMicroelectronics STM32U575VG Datasheet HTML 239Page - STMicroelectronics STM32U575VG Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 329 page
background image
Electrical characteristics
STM32U575xx
236/329
DS13737 Rev 6
5.3.19
12-bit analog-to-digital converter (ADC4) characteristics
Unless otherwise specified, the parameters given in the table below are values derived from
tests performed under ambient temperature, fHCLK frequency and VDDA supply voltage
conditions summarized in Table 32.
Note:
It is recommended to perform a calibration after each power-up.
Table 105. 12-bit ADC4 characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog power supply for ADC
ON
-1.62
-
3.6
V
VREF+
Positive reference voltage
-
1
-
VDDA
VREF-
Negative reference voltage
-
VSSA
fADC
ADC clock frequency
1.62 V ≤ VDDA ≤ 3.6 V
0.14
-
55
MHz
ADC clock duty cycle
-
45
-
55
%
fs
Sampling rate
Resolution = 12 bits
0.01
-
2.75
Msps
Resolution = 10 bits
0.012
-
3.05
Resolution = 8 bits
0.014
-
3.43
Resolution = 6 bits
0.0175
-
3.92
tTRIG
External trigger period
Resolution = 12 bits
16
-
-
1/fADC
VAIN(3)
Conversion voltage range
-
0
-
VREF+
V
RAIN(4)
External input impedance
Tj = 130 °C
Resolution = 12 bits
-
-
2.2
kΩ
Resolution = 10 bits
-
-
6.8
Resolution = 8 bits
-
-
33.0
Resolution = 6 bits
-
-
47.0
CADC
Internal sample and hold
capacitor
--
5
-
pF
tADCVREG_
STUP
ADC LDO startup ready flag time
-
-
-
25
µs
tSTAB
ADC power-up time
LDO already started
(3 × 1/fADC) + 1 conversion
Cycle
tOFF_CAL Offset calibration time
-
82
1/fADC
tLATR
Trigger conversion latency
WAIT = 0, AUTOFF = 0,
DPD = 0, fADC = HCLK
4
WAIT = 0, AUTOFF = 0,
DPD = 0, fADC = HCLK/2
4
WAIT = 0, AUTOFF = 0,
DPD = 0, fADC = HCLK/4
3.75
ts
Sampling time
-
1.5
-
814.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com