Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 241 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 241 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 237Page - STMicroelectronics STM32U575VG Datasheet HTML 238Page - STMicroelectronics STM32U575VG Datasheet HTML 239Page - STMicroelectronics STM32U575VG Datasheet HTML 240Page - STMicroelectronics STM32U575VG Datasheet HTML 241Page - STMicroelectronics STM32U575VG Datasheet HTML 242Page - STMicroelectronics STM32U575VG Datasheet HTML 243Page - STMicroelectronics STM32U575VG Datasheet HTML 244Page - STMicroelectronics STM32U575VG Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 329 page
background image
DS13737 Rev 6
241/329
STM32U575xx
Electrical characteristics
294
5.3.20
Temperature sensor characteristics
5.3.21
VCORE monitoring characteristics
5.3.22
VBAT monitoring characteristics
Table 108. Temperature sensor characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
VSENSE linearity with temperature
-
-
1.3
°C
Avg_Slope(1)
Average slope
2
2.5
3.0
mV/°C
V30(2)
Voltage at 30°C (±1 °C)
700
752
800
mV
∆(Vcontinuous -
Vsampling)(3)
Difference of voltage between continuous and
sampling modes(4)
-
-
–10/+4
tSTART
(TS_BUF)
(3)
Sensor buffer startup time
-
1
10
µs
tS_temp(3)
ADC sampling time when reading the temperature
13
-
-
IDD(TS)(3)
Temperature sensor consumption from VDD, when
selected by ADC
-14
20
µA
1. Evaluated by characterization. Not tested in production.
2. Measured at VREF+ = VDDA = 3.0 V ±10 mV. The V30 A/D conversion result is stored in the TS_CAL1 byte. Refer to
Table 16: Temperature sensor calibration values.
3. Specified by design. Not tested in production.
4. The temperature sensor is in continuous mode when the regulator is in range 1, 2 or 3. The temperature sensor is in
sampling mode when the regulator is in range 4, or when the device is in Stop 1 or Stop 2 mode.
Table 109. VCORE monitoring characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
tS_VCORE
ADC sampling time when reading the VCORE
voltage
1-
-
µs
1. Specified by design. Not tested in production.
Table 110. VBAT monitoring characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-
4 × 25.6
-
kΩ
Q
Ratio on VBAT measurement
-
4
-
-
Er(2)
Error on Q
-5
-
5
%
tS_VBAT(2)
ADC sampling time when reading the VBAT
5
-
-
µs
1. 1.58 V ≤ VBAT ≤ 3.6 V
2. Specified by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com