Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 29 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 29 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 25Page - Microchip Technology DS0147 Datasheet HTML 26Page - Microchip Technology DS0147 Datasheet HTML 27Page - Microchip Technology DS0147 Datasheet HTML 28Page - Microchip Technology DS0147 Datasheet HTML 29Page - Microchip Technology DS0147 Datasheet HTML 30Page - Microchip Technology DS0147 Datasheet HTML 31Page - Microchip Technology DS0147 Datasheet HTML 32Page - Microchip Technology DS0147 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
Condition
Unit
Max (%)
Typ
Min (%)
Description
Parameter
VDDI = 1.5 V
Ω
20
60
–20
VDDI = 1.5 V
Ω
20
120
–20
VDDI = 2.5 V/1.8
V/1.5 V/1.2 V
Ω
20
120
–20
Internal parallel
termination to
VSS
Single-ended
termination to
VSS
4, 5
VDDI = 2.5 V/1.8
V/1.5 V/1.2 V
Ω
20
240
–20
1. Measured across P to N with 400 mV bias.
2. Thevenin impedance is calculated based on independent P and N as measured at 50% of VDDI.
3. For 50 Ω/75 Ω/150 Ω cases, the nearest supported values of 40 Ω/60 Ω/120 Ω are used.
4. Measured at 50% of VDDI.
5. Supported terminations vary with the I/O type regardless of VDDI nominal voltage. Refer to Libero for
available combinations and default settings.
6. When VICM complies with more than one range, use the maximum percentage tolerance of the two
ranges.
25
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com