Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 53 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 53 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 49Page - Microchip Technology DS0147 Datasheet HTML 50Page - Microchip Technology DS0147 Datasheet HTML 51Page - Microchip Technology DS0147 Datasheet HTML 52Page - Microchip Technology DS0147 Datasheet HTML 53Page - Microchip Technology DS0147 Datasheet HTML 54Page - Microchip Technology DS0147 Datasheet HTML 55Page - Microchip Technology DS0147 Datasheet HTML 56Page - Microchip Technology DS0147 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
Table 59 • HSIO Maximum Input Buffer Speed
Unit
–1
STD
Standard
Mbps
1250
1250
LVDS18
Mbps
1250
1250
LCMDS18
Mbps
800
800
HCSL18
Mbps
800
800
RSDS18
Mbps
800
800
MINILVDS18
Mbps
800
800
SUBLVDS18
Mbps
800
800
PPDS18
Mbps
800
800
SLVS18
Mbps
1066
800
SSTL18I
Mbps
1066
800
SSTL18II
Mbps
1333
1066
SSTL15I
Mbps
1333
1066
SSTL15II
Mbps
1333
1066
SSTL135I
Mbps
1333
1066
SSTL135II
Mbps
1100
900
HSTL15I
Mbps
1100
900
HSTL15II
Mbps
1066
1066
HSTL135I
Mbps
1066
1066
HSTL135II
Mbps
400
400
HSUL18I
Mbps
400
400
HSUL18II
Mbps
1333
1066
HSUL12I
Mbps
1266
1066
HSTL12I
Mbps
1266
1066
HSTL12II
Mbps
1600
1333
POD12I
Mbps
1600
1333
POD12II
Mbps
500
500
LVCMOS18 (12 mA)
Mbps
500
500
LVCMOS15 (10 mA)
Mbps
300
300
LVCMOS12 (8 mA)
49
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com