Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 46 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 46 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 42Page - Microchip Technology DS0147 Datasheet HTML 43Page - Microchip Technology DS0147 Datasheet HTML 44Page - Microchip Technology DS0147 Datasheet HTML 45Page - Microchip Technology DS0147 Datasheet HTML 46Page - Microchip Technology DS0147 Datasheet HTML 47Page - Microchip Technology DS0147 Datasheet HTML 48Page - Microchip Technology DS0147 Datasheet HTML 49Page - Microchip Technology DS0147 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
Unit
VREF
1, 5
VMEAS
3, 4
VICM
2
VID
2
VH
1
VL
1
Description
Standard
V
0
1.250
0.250
VICM + .125
VICM – .125
LVDS 1.8 V
LVDS18
V
0
1.250
0.250
VICM + .125
VICM – .125
Low-com-
mon mode
LCMDS33
differential
signaling (L-
CMDS) 3.3
V
V
0
1.250
0.250
VICM + .125
VICM – .125
LCMDS 2.5
V
LCMDS25
V
0
1.250
0.250
VICM + .125
VICM – .125
LCMDS 1.8
V
LCMDS18
V
0
1.250
0.250
VICM + .125
VICM – .125
RSDS 3.3 V
RSDS33
V
0
1.250
0.250
VICM + .125
VICM – .125
RSDS 2.5 V
RSDS25
V
0
1.250
0.250
VICM + .125
VICM – .125
RSDS 1.8 V
RSDS18
V
0
1.250
0.250
VICM + .125
VICM – .125
Mini-LVDS 3
.3 V
MINILVDS3
3
V
0
1.250
0.250
VICM + .125
VICM – .125
Mini-LVDS 2
.5 V
MINILVDS2
5
V
0
1.250
0.250
VICM + .125
VICM – .125
Mini-LVDS 1
.8 V
MINILVDS1
8
V
0
0.900
0.250
VICM + .125
VICM – .125
Sub-LVDS 3.
3 V
SUBLVDS33
V
0
0.900
0.250
VICM + .125
VICM – .125
Sub-LVDS 2.
5 V
SUBLVDS25
V
0
0.900
0.250
VICM + .125
VICM – .125
Sub-LVDS 1.
8 V
SUBLVDS18
V
0
0.800
0.250
VICM + .125
VICM – .125
Point-to-
point differ-
PPDS33
ential signal-
ing 3.3 V
V
0
0.800
0.250
VICM + .125
VICM – .125
PPDS 2.5 V
PPDS25
V
0
0.800
0.250
VICM + .125
VICM – .125
PPDS 1.8 V
PPDS18
V
0
0.200
0.250
VICM + .125
VICM – .125
Scalable
low-voltage
SLVS33
signaling 3.
3 V
V
0
0.200
0.250
VICM + .125
VICM – .125
SLVS 2.5 V
SLVS25
V
0
0.200
0.250
VICM + .125
VICM – .125
SLVS 1.8 V
SLVS18
42
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com