Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 79 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 79 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 75Page - Microchip Technology DS0147 Datasheet HTML 76Page - Microchip Technology DS0147 Datasheet HTML 77Page - Microchip Technology DS0147 Datasheet HTML 78Page - Microchip Technology DS0147 Datasheet HTML 79Page - Microchip Technology DS0147 Datasheet HTML 80Page - Microchip Technology DS0147 Datasheet HTML 81Page - Microchip Technology DS0147 Datasheet HTML 82Page - Microchip Technology DS0147 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 128 page
background image
Table 88 • Transceiver TX_CLK Range (Deterministic PCS Mode with Regional Fabric Clocks)
Unit
–1 Max
–1 Min
STD Max
STD Min
Mode
MHz
200
200
8-bit, max data rate
= 1.6 Gbps
MHz
160
160
10-bit, max data
rate = 1.6 Gbps
MHz
266
225
16-bit, max data
rate = 3.6 Gbps (–S-
TD) / 4.25 Gbps (–1
)
MHz
266
225
20-bit, max data
rate = 4.5 Gbps (–S-
TD) / 5.32 Gbps (–1
)
MHz
266
225
32-bit, max data
rate = 7.2 Gbps (–S-
TD) / 8.5 Gbps (–1)
Mhz
266
225
40-bit, max data
rate = 9.0 Gbps (–S-
TD) / 10.6 Gbps (–1
)
1
MHz
200
165
64-bit, max data
rate = 10.3125 G-
bps (–STD) / 12.7
Gbps (–1)
1
MHz
160
130
80-bit, max data
rate = 10.3125 G-
bps (–STD) / 12.7
Gbps (–1)
1
1. For data rates greater than 10.3125 Gbps, VDDA must be set to 1.05 V mode. See supply tolerance in
the section Recommended Operating Conditions.
Table 89 • Transceiver RX_CLK Range (Deterministic PCS Mode with Regional Fabric Clocks)
Unit
–1 Max
–1 Min
STD Max
STD Min
Mode
MHz
200
200
8-bit, max data rate
= 1.6 Gbps
MHz
160
160
10-bit, max data
rate = 1.6 Gbps
MHz
266
225
16-bit, max data
rate = 3.6 Gbps (–S-
TD) / 4.25 Gbps (–1
)
MHz
266
225
20-bit, max data
rate = 4.5 Gbps (–S-
TD) / 5.32 Gbps (–1
)
75
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com