Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 98 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 98 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 94Page - Microchip Technology DS0147 Datasheet HTML 95Page - Microchip Technology DS0147 Datasheet HTML 96Page - Microchip Technology DS0147 Datasheet HTML 97Page - Microchip Technology DS0147 Datasheet HTML 98Page - Microchip Technology DS0147 Datasheet HTML 99Page - Microchip Technology DS0147 Datasheet HTML 100Page - Microchip Technology DS0147 Datasheet HTML 101Page - Microchip Technology DS0147 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 128 page
background image
FPGA+ SNV-
M+ Sec
SNVM+ Sec
FPGA+ Sec
FPGA+ SNV-
M
SNVM (all
pages)
Security
FPGA
Devices
File
9.6 MB
66.3 KB
9.5 MB
9.6 MB
61.2 KB
7.6 KB
9.3 MB
MPF300T,
TL, TS, TLS
DAT
14.4 MB
62.2 KB
14.3 MB
14.4 MB
59.7 KB
3.5 KB
14.3 MB
MPF500T,
TL, TS, TLS
SPI
14.4 MB
66.3 KB
14.3 MB
14.4 MB
61.2 KB
7.6 KB
14.3 MB
MPF500T,
TL, TS, TLS
DAT
6.7.4
Digest Cycles
Digests verify the integrity of the programmed non-volatile data. Digests are a cryptographic hash of various
data areas. Any digest that reports back an error raises the digest tamper flag.
Table 120 • Maximum Number of Digest Cycles
Retention Since Programmed (N = Number Digests During that Time)
1
Reten-
tion
Unit
N = 6000
N = 4000
N = 2000
N = 1500
N = 1000
N = 500
N ≤30
0
Storage and
Operating TJ
Digest TJ
Years
°C
2 × LF
4 × LF
8 × LF
10 × LF
12 × LF
17 × LF
20 × L-
F
–40 to 100
–40 to 1
00
Years
°C
2 × LF
4 × LF
8 × LF
10 × LF
12 × LF
17 × LF
20 × L-
F
0 to 100
–40 to 1
00
Years
°C
4 × LF
8 × LF
16 × LF
20 × LF
20 × LF
20 × LF
20 × L-
F
–40 to 85
–40 to 8
5
Years
°C
20 × LF
20 × LF
20 × LF
20 × LF
20 × LF
20 × LF
20 × L-
F
–40 to 55
–40 to 5
5
1. LF = Lifetime factor as defined by the number of programming cycles the device has seen under the
conditions listed in the following table.
Table 121 • FPGA Programming Cycles Lifetime Factor
LF
Programming Cycles
Programming TJ
1
500
–40 °C to 100 °C
0.8
1000
–40 °C to 85 °C
0.6
2000
–40 °C to 55 °C
Notes:
• The maximum number of device digest cycles is 100K.
• Digests are operational only over the –40 °C to 100 °C temperature range.
• After a program cycle, an additional N digests cycles are allowed with the resultant retention
characteristics for the total operating and storage temperature shown.
• Retention is specified for total device storage and operating temperature.
• All temperatures are junction temperatures (TJ).
94
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com