Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 99 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 99 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 95Page - Microchip Technology DS0147 Datasheet HTML 96Page - Microchip Technology DS0147 Datasheet HTML 97Page - Microchip Technology DS0147 Datasheet HTML 98Page - Microchip Technology DS0147 Datasheet HTML 99Page - Microchip Technology DS0147 Datasheet HTML 100Page - Microchip Technology DS0147 Datasheet HTML 101Page - Microchip Technology DS0147 Datasheet HTML 102Page - Microchip Technology DS0147 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 128 page
background image
• Example 1—500 digests cycles are performed between programming cycles. N = 500. The operating
conditions are –40 °C to 85 °C TJ. 501 programming cycles have occurred. The retention under these
operating conditions is 20 × LF = 20 × .8 = 16 years.
• Example 2—one programming cycle has occurred, N = 1500 digest cycles have occurred. Temperature
range is –40 °C to 100 °C. The resultant retention is 10 × LF or 10 years over the industrial temperature
range.
6.7.5
Digest Time
The following table describes digest time.
Table 122 • Digest Times
Unit
Max
Typ
Devices
Parameter
μs
2
All
Setup time
ms
910
880
MPF100T, TL, TS, TLS
Fabric digest run time
ms
1072
1005
MPF200T, TL, TS, TLS
ms
1582
1503.9
MPF300T, TL, TS, TLS
ms
2150
2085
MPF500T, TL, TS, TLS
μs
35
33.5
MPF100T, TL, TS, TLS
UFS CC digest run time
μs
35
33.5
MPF200T, TL, TS, TLS
μs
35
33.5
MPF300T, TL, TS, TLS
μs
35
33.5
MPF500T, TL, TS, TLS
ms
5
4.5
MPF100T, TL, TS, TLS
sNVM digest run time
1
ms
5
4.5
MPF200T, TL, TS, TLS
ms
5
4.5
MPF300T, TL, TS, TLS
ms
5
4.5
MPF500T, TL, TS, TLS
μs
49
47
MPF100T, TL, TS, TLS
UFS UL digest run time
μs
49
47
MPF200T, TL, TS, TLS
μs
49
47
MPF300T, TL, TS, TLS
μs
49
47
MPF500T, TL, TS, TLS
μs
544
526
MPF100T, TL, TS, TLS
User key digest run
time
2
μs
544
526
MPF200T, TL, TS, TLS
μs
544
526
MPF300T, TL, TS, TLS
μs
544
526
MPF500T, TL, TS, TLS
μs
35
33.2
MPF100T, TL, TS, TLS
UFS UPERM digest run
time
95
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com