Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 103 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 103 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 99Page - Microchip Technology DS0147 Datasheet HTML 100Page - Microchip Technology DS0147 Datasheet HTML 101Page - Microchip Technology DS0147 Datasheet HTML 102Page - Microchip Technology DS0147 Datasheet HTML 103Page - Microchip Technology DS0147 Datasheet HTML 104Page - Microchip Technology DS0147 Datasheet HTML 105Page - Microchip Technology DS0147 Datasheet HTML 106Page - Microchip Technology DS0147 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 128 page
background image
Conditions
Unit
Max
Typ
Parameter
One iteration of scrub-
bing
ms
536
520
Time to destroy data in
non-volatile memory
(non-recoverable)
1, 3
Full scrubbing
s
1.5
1.4
Time to scrub the fabric
data
1
Full scrubbing
s
1.6
1.5
Time to scrub the pNV-
M data (like new)
1, 2
Full scrubbing
s
1.8
1.7
Time to scrub the fabric
data pNVM data (non-
recoverable)
1, 3
s
2.0
1.9
Time to verify
5
s
3.9
3.8
Total time to zeroize
(like new)
1, 2
s
4.1
4.0
Total time to zeroize
(non-recoverable)
1, 3
1. Total completion time after entering zeroization.
2. Like new mode—zeroizes user design security setting and sNVM content.
3. Non-recoverable mode—zeroizes user design security setting, sNVM and factory keys, and factory data
required for programming.
4. Time to verify after scrubbing completes.
6.7.7
Verify Time
The following tables describe verify time.
Table 127 • Standalone Fabric Verify Times
Unit
Max
Devices
Parameter
s
33
MPF100T, TL, TS, TLS
1
Standalone verification over J-
TAG
s
53
MPF200T, TL, TS, TLS
1
s
90
MPF300T, TL, TS, TLS
1
s
114
MPF500T, TL, TS, TLS
1
s
24
MPF100T, TL, TS, TLS
2
Standalone verification over S-
PI
s
37
MPF200T, TL, TS, TLS
2
s
55
MPF300T, TL, TS, TLS
2
s
89
MPF500T, TL, TS, TLS
2
1. Programmer: FlashPro5, TCK 10 MHz; PC configuration: Intel i7 at 3.6 GHz, 32 GB RAM, Windows 10.
99
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com