Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 11 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 11 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 7Page - Microchip Technology DS0147 Datasheet HTML 8Page - Microchip Technology DS0147 Datasheet HTML 9Page - Microchip Technology DS0147 Datasheet HTML 10Page - Microchip Technology DS0147 Datasheet HTML 11Page - Microchip Technology DS0147 Datasheet HTML 12Page - Microchip Technology DS0147 Datasheet HTML 13Page - Microchip Technology DS0147 Datasheet HTML 14Page - Microchip Technology DS0147 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
Condition
Unit
Max
Typ
Min
Symbol
Parameter
3.3 V nominal
V
3.465
3.3
3.135
VDD_XCVR_CLK
Transceiver ref-
erence clock
supply
6, 7
2.5 V nominal
V
2.625
2.5
2.375
V
VDD_XCVR_ CLK
Ground
XCVRVREF
Global VREF for
transceiver refer-
ence clocks
3
Allowed nomi-
nal options: 1.2
V
1.89
Various
1.14
VDDIx
HSIO DC I/O
supply
6
V, 1.35 V, 1.5 V,
and 1.8 V
4, 5
Allowed nomi-
nal options: 1.2
V
3.465
Various
1.14
VDDIx
GPIO DC I/O
supply
6
V, 1.5 V, 1.8 V, 2
.5 V, and 3.3 V
2,
4, 5
Allowed nomi-
nal options: 1.8
V
3.465
Various
1.71
VDDI3
Dedicated I/O
DC supply for JT-
V, 2.5 V, and 3.3
V
AG and SPI (GPI-
O Bank 3)
6
For I/O bank x
with VDDIx = 3.3
V nominal
2, 4, 5
V
3.465
3.3
3.135
VDDAUXx
GPIO auxiliary
supply
6
For I/O bank x
with VDDIx = 2.5
V
2.625
2.5
2.375
V nominal or
lower
2, 4, 5
°C
100
0
TJ
Extended com-
mercial temper-
ature range
°C
100
–40
TJ
Industrial tem-
perature range
°C
100
0
TPRG
Extended com-
mercial program-
ming tempera-
ture range
°C
100
–40
TPRG
Industrial pro-
gramming tem-
perature range
1. VDD and VDDA can independently operate at 1.0 V or 1.05 V nominal. These supplies are not dynamically
adjustable.
2. For GPIO buffers where I/O bank is designated as bank number, if VDDIx is 2.5 V nominal or 3.3 V nominal,
VDDAUXx must be connected to the VDDIx supply for that bank. If VDDIx for a given GPIO bank is <2.5 V
nominal, VDDAUXx per I/O bank must be powered at 2.5 V nominal.
3. XCVRVREF globally sets the reference voltage of the transceiver's single-ended reference clock input
buffers. It is typically near VDD_XCVR _CLK/2 V but is allowed in the specified range.
7
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com