Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 74 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 74 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 70Page - Microchip Technology DS0147 Datasheet HTML 71Page - Microchip Technology DS0147 Datasheet HTML 72Page - Microchip Technology DS0147 Datasheet HTML 73Page - Microchip Technology DS0147 Datasheet HTML 74Page - Microchip Technology DS0147 Datasheet HTML 75Page - Microchip Technology DS0147 Datasheet HTML 76Page - Microchip Technology DS0147 Datasheet HTML 77Page - Microchip Technology DS0147 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
Unit
–1 Max
–1 Typ
–1 Min
STD Max
STD Typ
STD Min
Symbol
Parameter
Gbps
3.2
0.25
3.2
0.25
FRxRateDC
Rx data rate
when DC
coupled
Gbps
1.25
DC
1.25
DC
FTXRateOOB
Rx OOB (de-
serializer
bypass) da-
ta rate
GHz
6.35
1.6
5.1563
1.6
FTXPLL
TXPLL out-
put frequen-
cy
3
Gbps
10.3125
0.25
10.3125
0.25
FRXCDR
Rx CDR
mode
Gbps
12.7
3.0
10.3125
3.0
FRXAUTOCAL
Rx DFE and
CDR auto-
calibration
modes
2
Gbps
12.7
3.0
10.3125
3.0
FRXEyeMon
Rx Eye Mon-
itor mode
2
[Tx|Rx]_CLK
Cycles
4
16
16
MPWPCS_RES-
ET
PCS reset
minimum
pulse width
[Tx|Rx]_CLK
Cycles
4
16
16
MPWPMA_RE-
SET
PMA reset
minimum
pulse width
1. The reference clock is required to be a minimum of 75 MHz for data rates of 10 Gbps and above.
2. For data rates greater than 10.3125 Gbps, VDDA must be set to 1.05 V mode. See supply tolerance in
the section Recommended Operating Conditions.
3. The Tx PLL rate is between 0.5x to 5.5x the Tx data rate. The Tx data rate depends on per XCVR lane Tx
post-divider settings.
4. Minimum pulse width should reference TX_CLK when Tx only or both Tx and Rx are used. Reference
RX_CLK if only Rx is used.
6.5.2
Transceiver Reference Clock Performance
The following table describes performance of the transceiver reference clock.
Table 84 • PolarFire SoC Transceiver Reference Clock AC Requirements
Unit
–1 Max
–1 Typ
–1 Min
STD Max
STD Typ
STD Min
Symbol
Parameter
MHz
400
20
400
20
FTXREFCLK
Reference
clock input
rate
1, 2
MHz
156
20
156
20
FXCVRREFCLKM-
AX CASCADE
Reference
clock input
rate
1, 2, 3
70
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com