Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 51 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 51 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 47Page - Microchip Technology DS0147 Datasheet HTML 48Page - Microchip Technology DS0147 Datasheet HTML 49Page - Microchip Technology DS0147 Datasheet HTML 50Page - Microchip Technology DS0147 Datasheet HTML 51Page - Microchip Technology DS0147 Datasheet HTML 52Page - Microchip Technology DS0147 Datasheet HTML 53Page - Microchip Technology DS0147 Datasheet HTML 54Page - Microchip Technology DS0147 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 128 page
background image
VREF (V)
VMEAS (V)
CREF (pF)
RREF (Ω)
Description
Standard
0
0
1
0
100
Bus LVDS
BUSLVDSE25
0
0
1
0
100
Multipoint LVDS 2.
5 V
MLVDSE25
0
0
1
0
100
Low-voltage posi-
tive emitter-cou-
pled logic
LVPECLE33
0
0
1
0
100
Mobile industry
processor interface
2.5 V
MIPIE25
0
0
1
0
50
Differential SSTL 2.
5 V Class I
SSTL25I
0
0
1
0
50
Differential SSTL 2.
5 V Class II
SSTL25II
0
0
1
0
50
Differential SSTL 1.
8 V Class I
SSTL18I
0
0
1
0
50
Differential SSTL 1.
8 V Class II
SSTL18II
0
0
1
0
50
Differential SSTL 1.
5 V Class I
SSTL15I
0
0
1
0
50
Differential SSTL 1.
5 V Class II
SSTL15II
0
0
1
0
50
Differential SSTL 1.
35 V Class I
SSTL135I
0
0
1
0
50
Differential SSTL 1.
35 V Class II
SSTL135II
0
0
1
0
50
Differential HSTL 1.
5 V Class I
HSTL15I
0
0
1
0
50
Differential HSTL 1.
5 V Class II
HSTL15II
0
0
1
0
50
Differential HSTL 1.
35 V Class I
HSTL135I
0
0
1
0
50
Differential HSTL 1.
35 V Class II
HSTL135II
0
0
1
0
50
Differential HSTL 1.
2 V Class I
HSTL12I
0
0
1
0
50
Differential HSTL 1.
2 V Class II
HSTL12II
0
0
1
0
50
Differential HSUL 1
.8 V Class I
HSUL18I
47
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com