Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 66 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 66 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 62Page - Microchip Technology DS0147 Datasheet HTML 63Page - Microchip Technology DS0147 Datasheet HTML 64Page - Microchip Technology DS0147 Datasheet HTML 65Page - Microchip Technology DS0147 Datasheet HTML 66Page - Microchip Technology DS0147 Datasheet HTML 67Page - Microchip Technology DS0147 Datasheet HTML 68Page - Microchip Technology DS0147 Datasheet HTML 69Page - Microchip Technology DS0147 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 128 page
background image
Unit
VDD = 1.05 V
–1
VDD = 1.05 V
STD
VDD= 1.0 V –1
VDD= 1.0 V ST-
D
Bridging S-
ource
Total I/O B-
anks
Device
ps
85
125
85
125
NNW
1
3
MPF500T
ps
220
300
220
300
NNE
2
3
1. NNW source designates bridging that originates from the North West Corner or PIOs inside I/O bank 0
(the most western I/O bank at the north edge).
2. NNE source designates bridging that originates from the North East Corner or PIOs inside I/O bank 1
(the most eastern I/O bank at the north edge).
6.3.2
PLL
The following table describes PLL.
Table 74 • PLL Electrical Characteristics
Condition
Unit
Max
Typ
Min
Symbol
Parameter
MHz
1250
1
FINI
Input clock fre-
quency (integer
mode)
MHz
1250
10
FINF
Input clock fre-
quency (fraction-
al mode)
ps
200
FINPULSE
Minimum refer-
ence or feed-
back pulse
width
1
MHz
312
1
FPHDETI
Frequency at
the Frequency
Phase Detector
(PFD) (integer
mode)
MHz
225
10
FPHDETF
Frequency at
the PFD (frac-
tional mode)
%
75
25
FINDUTY
Allowable input
duty cycle
ps
1000
120
FMAXINJ
Maximum input
period clock jit-
ter (reference
and feedback
clocks)
2
MHz
5000
800
FVCO
PLL VCO fre-
quency
MHz
FPHDET/30
FPHDET/44
FPHDET/55
FBW
Loop bandwidth
(Int)
3
62
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com