Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 97 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 97 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 93Page - Microchip Technology DS0147 Datasheet HTML 94Page - Microchip Technology DS0147 Datasheet HTML 95Page - Microchip Technology DS0147 Datasheet HTML 96Page - Microchip Technology DS0147 Datasheet HTML 97Page - Microchip Technology DS0147 Datasheet HTML 98Page - Microchip Technology DS0147 Datasheet HTML 99Page - Microchip Technology DS0147 Datasheet HTML 100Page - Microchip Technology DS0147 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
2. Programmer: FlashPro5 with TCK 10 MHz. PC Configuration: Intel i7 at 3.6 GHz, 32 GB RAM, Windows
10.
Table 117 • JTAG Programming Time
Unit
Max
Typ
Devices
Symbol
Parameter
s
42
35
MPF100T, TL, TS, T-
LS
1
TPROG
Programming time
s
68
56
MPF200T, TL, TS, T-
LS
1
s
114
95
MPF300T, TL, TS, T-
LS
1
s
147
122
MPF500T, TL, TS, T-
LS
1
1. Programmer: FlashPro5 with TCK 10 MHz. PC Configuration: Intel i7 at 3.6 GHz, 32 GB RAM, Windows
10.
6.7.3
FPGA Bitstream Sizes
The following table describes FPGA bitstream sizes.
Table 118 • Initialization Client Sizes
Ciphertext
Plaintext
Device
1630 KB
1580 KB
MPF100T, TL, TS, TLS
3006 KB
2916 KB
MPF200T, TL, TS, TLS
4403 KB
4265 KB
MPF300T, TL, TS, TLS
7045 KB
6835 KB
MPF500T, TL, TS, TLS
Note: Worst case initializing all fabric LSRAM, USRAM, and UPROM.
Table 119 • Bitstream Sizes
FPGA+ SNV-
M+ Sec
SNVM+ Sec
FPGA+ Sec
FPGA+ SNV-
M
SNVM (all
pages)
Security
FPGA
Devices
File
3.5 MB
62.2 KB
3.5 MB
3.5 MB
59.7 KB
3.5 KB
3.4 MB
MPF100T,
TL, TS, TLS
SPI
3.5 MB
66.3 KB
3.4 MB
3.5 MB
61.2 KB
7.6 KB
3.4 MB
MPF100T,
TL, TS, TLS
DAT
6.0 MB
62.2 KB
5.9 MB
5.9 MB
59.7 KB
3.5 KB
5.9 MB
MPF200T,
TL, TS, TLS
SPI
6.0 MB
66.3 KB
5.9 MB
6.0 MB
61.2 KB
7.6 KB
5.9 MB
MPF200T,
TL, TS, TLS
DAT
9.6 MB
62.2 KB
9.5 MB
9.6 MB
59.7 KB
3.5 KB
9.3 MB
MPF300T,
TL, TS, TLS
SPI
93
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com