Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 48 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 48 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 44Page - Microchip Technology DS0147 Datasheet HTML 45Page - Microchip Technology DS0147 Datasheet HTML 46Page - Microchip Technology DS0147 Datasheet HTML 47Page - Microchip Technology DS0147 Datasheet HTML 48Page - Microchip Technology DS0147 Datasheet HTML 49Page - Microchip Technology DS0147 Datasheet HTML 50Page - Microchip Technology DS0147 Datasheet HTML 51Page - Microchip Technology DS0147 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
Unit
VREF
1, 5
VMEAS
3, 4
VICM
2
VID
2
VH
1
VL
1
Description
Standard
V
0
0.750
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.5 V
Class I
HSTL15I
V
0
0.750
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.5 V
Class II
HSTL15II
V
0
0.675
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.35
V Class I
HSTL135I
V
0
0.675
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.35
V Class II
HSTL135II
V
0
0.600
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.2 V
Class I
HSTL12I
V
0
0.600
0.250
VICM + .125
VICM – .125
Differential
HSTL 1.2 V
Class II
HSTL12II
V
0
0.900
0.250
VICM + .125
VICM – .125
Differential
HSUL 1.8 V
Class I
HSUL18I
V
0
0.900
0.250
VICM + .125
VICM – .125
Differential
HSUL 1.8 V
Class II
HSUL18II
V
0
0.600
0.250
VICM + .125
VICM – .125
Differential
HSUL 1.2 V
HSUL12I
V
0
0.840
0.250
VICM + .125
VICM – .125
Differential
POD 1.2 V
Class I
POD12I
V
0
0.840
0.250
VICM + .125
VICM – .125
Differential
POD 1.2 V
Class II
POD12II
V
0
0.200
0.250
VICM + .125
VICM – .125
Mobile I-
ndustry Pro-
MIPI25
cessor Inter-
face
1. Measurements are made at typical, minimum, and maximum VREF values. Reported delays reflect
worst-case of these measurements. VREF values listed are typical. Input waveform switches between
VIL and VIH. All rise and fall rates must be 1 V/ns for non-mixed mode input buffers as one-third the
minimum period for mixed-mode input buffers.
2. Differential receiver standards all use 250 mV VID for timing. VICM is different between different standards.
3. Input voltage level from which measurement starts.
4. The value given is the differential input voltage.
44
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com