Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 89 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 89 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 85Page - Microchip Technology DS0147 Datasheet HTML 86Page - Microchip Technology DS0147 Datasheet HTML 87Page - Microchip Technology DS0147 Datasheet HTML 88Page - Microchip Technology DS0147 Datasheet HTML 89Page - Microchip Technology DS0147 Datasheet HTML 90Page - Microchip Technology DS0147 Datasheet HTML 91Page - Microchip Technology DS0147 Datasheet HTML 92Page - Microchip Technology DS0147 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
Table 95 • PCI Express Gen2
Unit
Max
Min
Data Rate
Parameter
UI
0.35
5.0 Gbps
Total transmit jitter
UI
0.4
5.0 Gbps
Receiver jitter tolerance
Note: With add-in card as specified in PCI Express CEM Rev 2.0.
6.6.2
Interlaken
The following table describes Interlaken.
Table 96 • Interlaken
Unit
Max
Min
Data Rate
Parameter
UI
0.3
6.375 Gbps
Total transmit jitter
UI
0.3
10.3125 Gbps
UI
0.3
12.7 Gbps
1
UI
0.6
6.375 Gbps
Receiver jitter tolerance
UI
0.65
10.3125 Gbps
UI
0.65
12.7 Gbps
1
1. For data rates greater than 10.3125 Gbps, VDDA must be set to 1.05 V mode. See supply tolerance in
the section Recommended Operating Conditions.
6.6.3
10GbE (10GBASE-R and 10GBASE-KR)
The following table describes 10GbE (10GBASE-R).
Table 97 • 10GbE (10GBASE-R)
Unit
Max
Min
Data Rate
Parameter
UI
0.28
10.3125 Gbps
Total transmit jitter
UI
0.7
10.3125 Gbps
Receiver jitter tolerance
The following table describes 10GbE (10GBASE-KR).
Table 98 • 10GbE (10GBASE-KR)
Unit
Max
Min
Data Rate
Parameter
UI
0.28
10.3125 Gbps
Total transmit jitter
UI
0.115
10.3125 Gbps
Receiver jitter tolerance
(SJ)
UI
0.13
10.3125 Gbps
Receiver jitter tolerance
(RJ)
85
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com