Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 38 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 38 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 34Page - Microchip Technology DS0147 Datasheet HTML 35Page - Microchip Technology DS0147 Datasheet HTML 36Page - Microchip Technology DS0147 Datasheet HTML 37Page - Microchip Technology DS0147 Datasheet HTML 38Page - Microchip Technology DS0147 Datasheet HTML 39Page - Microchip Technology DS0147 Datasheet HTML 40Page - Microchip Technology DS0147 Datasheet HTML 41Page - Microchip Technology DS0147 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
Units
Max
Typ
Min
Symbol
Parameter
ns
3.4
1.0
TEMMCHS200CKO
Clock to output de-
lay, all outputs
2
UI
0.4
TEMMCSDR1IVW
Input valid data
window
3
MHz
200
TEMMCHS200CLK
eMMC HS200 clock
frequency
Table 43 • eMMC HS400 Interface
Units
Max
Typ
Min
Symbol
Parameter
%
60
40
TDCEMMCHS400CLK
eMMC HS400 clock
duty cycle
ns
3.4
1.0
TDCEMMCHS400CKO
Clock to output de-
lay, all outputs
2
UI
0.4
TDCEMMCSDRIVW
Input valid data
window
3
MHz
200
TEMMCHS400CLK
eMMC HS400 clock
frequency
Table 44 • eMMC HS400 Enhanced Strobe Interface
Units
Max
Typ
Min
Symbol
Parameter
%
60
40
TDCEMMCHS400ESCLK
eMMC HS400ES
clock duty cycle
ns
3.4
1.0
TDCEMMCHS400ESCKO
Clock to output de-
lay, all outputs
2
UI
0.4
TDCEMMCSDRIVW
Input valid data
window
3
MHz
200
TEMMCHS400ESCLK
eMMC HS400ES
clock frequency
6.1.7
USB
The following table describes the USB. Test conditions are LVCMOS33, slow slew rate, 8 mA drive strength,
15 pF loads, and 60 MHz device clock frequency.
Table 45 • USB
Units
Max
Min
Symbol
Parameter
ns
4.5
TULPIDCK
Input setup to ULPI
clocks, all inputs
ns
0.0
TULPICKD
Input hold to ULPI
clocks, all inputs
34
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com