Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0147 Datasheet(PDF) 104 Page - Microchip Technology

Part # DS0147
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS0147 Datasheet(HTML) 104 Page - Microchip Technology

Back Button DS0147 Datasheet HTML 100Page - Microchip Technology DS0147 Datasheet HTML 101Page - Microchip Technology DS0147 Datasheet HTML 102Page - Microchip Technology DS0147 Datasheet HTML 103Page - Microchip Technology DS0147 Datasheet HTML 104Page - Microchip Technology DS0147 Datasheet HTML 105Page - Microchip Technology DS0147 Datasheet HTML 106Page - Microchip Technology DS0147 Datasheet HTML 107Page - Microchip Technology DS0147 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 128 page
background image
2. SmartFusion2 with MSS running at 100 MHz, MSS_SPI_0 port running at 6.67 MHz. Bitstream stored in
DDR. DirectC version 4.1.
Notes:
• Standalone verify is limited to 2,000 total device hours over the industrial –40 °C to 100 °C temperature.
• Use the digest system service, for verify device time more than 2,000 hours.
• Standalone verify checks the programming margin on both the P and N gates of the push-pull cell.
• Digest checks only the P side of the push-pull gate. However, the push-pull gates work in tandem.
Digest check is recommended if users believe they will exceed the 2,000-hour verify time specification.
Table 128 • Verify Time by Programming Hardware
Units
Silicon Sculptor
BP
FlashPro5
FlashPro4
IAP
Devices
s
33
42
6
MPF100T, TL, TS-
, TLS
s
53
67
9
MPF200T, TL, TS-
, TLS
s
90
95
14
MPF300T, TL, TS-
, TLS
s
114
169
15
MPF500T, TL, TS-
, TLS
Notes:
• FlashPro4 4 MHz TCK.
• FlashPro5 10 MHz TCK.
• PC configuration: Intel i7 at 3.6 GHz, 32 GB RAM, Windows 10.
Table 129 • Verify System Services
Unit
Max
Typ
Devices
ServiceID
Symbol
Parameter
s
6.2
5.9
MPF100T, TL, TS-
, TLS
44H
TIAP_Ver_Index
In application
verify by index
s
9
8.2
MPF200T, TL, TS-
, TLS
s
13
12.4
MPF300T, TL, TS-
, TLS
s
14
13.4
MPF500T, TL, TS-
, TLS
s
6.2
5.9
MPF100T, TL, TS-
, TLS
45H
TIAP_Ver_Addr
In application
verify by SPI ad-
dress
s
9
8.2
MPF200T, TL, TS-
, TLS
s
13
12.4
MPF300T, TL, TS-
, TLS
s
14
13.4
MPF500T, TL, TS-
, TLS
100
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com