Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 119 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 119 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 115Page - Microchip Technology MPFS250T Datasheet HTML 116Page - Microchip Technology MPFS250T Datasheet HTML 117Page - Microchip Technology MPFS250T Datasheet HTML 118Page - Microchip Technology MPFS250T Datasheet HTML 119Page - Microchip Technology MPFS250T Datasheet HTML 120Page - Microchip Technology MPFS250T Datasheet HTML 121Page - Microchip Technology MPFS250T Datasheet HTML 122Page - Microchip Technology MPFS250T Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 128 page
background image
6.11.1
JTAG Switching Characteristics
The following table describes characteristics of JTAG switching.
Table 151 • JTAG Electrical Characteristics
Condition
Unit
Max
Typ
Min
Description
Symbol
ns
0.0
TDI input setup
time
TDISU
ns
2.0
TDI input hold
time
TDIHD
ns
1.5
TMS input setup
time
TTMSSU
ns
1.5
TMS input hold
time
TTMSHD
MHz
25
TCK frequency
FTCK
%
60
40
TCK duty cycle
TTCKDC
CLOAD = 40 pf
ns
8.4
TDO clock to Q
out
TTDOCQ
CLOAD = 40 pf
ns
23.5
TRSTB clock to
Q out
TRSTBCQ
ns
50
TRSTB min pulse
width
TRSTBPW
ns
0.0
TRSTB removal
time
TRSTBREM
ns
12.0
TRSTB recovery
time
TRSTBREC
pf
5.3
TDI input pin ca-
pacitance
CINTDI
pf
5.3
TMS input pin
capacitance
CINTMS
pf
5.3
TCK input pin
capacitance
CINTCK
pf
5.3
TRSTB input pin
capacitance
CINTRSTB
6.11.2
SPI Switching Characteristics
The following tables describe characteristics of SPI switching.
115
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com