Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 122 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 122 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 118Page - Microchip Technology MPFS250T Datasheet HTML 119Page - Microchip Technology MPFS250T Datasheet HTML 120Page - Microchip Technology MPFS250T Datasheet HTML 121Page - Microchip Technology MPFS250T Datasheet HTML 122Page - Microchip Technology MPFS250T Datasheet HTML 123Page - Microchip Technology MPFS250T Datasheet HTML 124Page - Microchip Technology MPFS250T Datasheet HTML 125Page - Microchip Technology MPFS250T Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 128 page
background image
Table 155 • DEVRST_N Electrical Characteristics
Condition
Unit
Max
Typ
Min
Symbol
Parameter
It must be a nor-
mal clean digital
μs
10
DRRAMP
DEVRST_N ramp
time
signal, with typi-
cal rise and fall
times
The minimum
time for DEVRST-
μs
1
DRASSERT
DEVRST_N as-
sert time
_N assertion to
be recognized
The minimum
time DEVRST_N
ms
2.75
DRDEASSERT
DEVRST_N de-
assert time
needs to be de-
asserted before
assertion
6.12
User Crypto
The following section describes user crypto.
6.12.1
TeraFire 5200B Switching Characteristics
The following table describes TeraFire 5200B switching characteristics.
Table 156 • TeraFire F5200B Switching Characteristics
Condition
Unit
VDD = 1.05 V
– 1
VDD = 1.05 V
STD
VDD = 1.0 V –
1
VDD = 1.0 V
STD
Symbol
Parameter
–40 °C to 100
°C
MHz
189
189
189
189
FMAX_DLL
FMAX with DLL
–40 °C to 100
°C
MHz
125
125
125
125
FMIN_DLL
FMIN with DLL
–40 °C to 100
°C
MHz
70
70
70
70
FMAX_DLL_BYPA-
SS
FMAX with DLL
in bypass
mode
–40 °C to 100
°C
MHz
0
0
0
0
FMIN_DLL_BYPAS-
S
FMIN with DLL
in bypass
mode
6.12.2
TeraFire 5200B Throughput Characteristics
The following tables for each algorithm describe the TeraFire 5200B throughput characteristics.
Note: Throughput cycle count collected with Athena TeraFire Core and RISCV running at 70 MHz.
118
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com