Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 125 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 125 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 120Page - Microchip Technology MPFS250T Datasheet HTML 121Page - Microchip Technology MPFS250T Datasheet HTML 122Page - Microchip Technology MPFS250T Datasheet HTML 123Page - Microchip Technology MPFS250T Datasheet HTML 124Page - Microchip Technology MPFS250T Datasheet HTML 125Page - Microchip Technology MPFS250T Datasheet HTML 126Page - Microchip Technology MPFS250T Datasheet HTML 127Page - Microchip Technology MPFS250T Datasheet HTML 128Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 125 / 128 page
background image
Table 163 • ECC
CAL Delay In CPU Clock-Cycles
Athena TeraFire Crypto Core
Clock-Cycles
Message Size (Bits)
Modes
5072
12525647
1024
ECDSA SigGen, P-384/SHA-38
4
1
5072
12540387
8K
5071
5502896
1024
ECDSA SigGen, P-384/SHA-384
5071
5513718
8K
4683
6243821
1024
ECDSA SigVer, P-384/SHA-384
1
4422
6321110
8K
4422
6243821
1024
ECDSA SigVer, P-384/SHA-384
4422
6321110
8K
10318
5039125
Key Agreement (KAS), P-384
4434
5177474
Point Multiply, P-256
1
5086
12055519
Point Multiply, P-384
1
6470
26889271
Point Multiply, P-521
1
5303
3018067
Point Addition, P-384
7909
12052230
KeyGen (PKG), P-384
3354
5091
Point Verification, P-384
1. With DPA counter measures.
Table 164 • IFC (RSA)
CAL Delay In CPU Clock-Cycles
Athena TeraFire Crypto Core
Clock-Cycles
Message Size (Bits)
Modes
8287
436972
2048
Encrypt, RSA-2048, e=65537
12063
962162
3072
Encrypt, RSA-3072, e=65537
15261
26847616
2048
Decrypt, RSA-2048
1, CRT
22488
75168689
3072
Decrypt, RSA-3072
1, CRT
23585
88789629
4096
Decrypt, RSA-4096, CRT
18838
38202717
3072
Decrypt, RSA-3072, CRT
19562
75156973
1024
SigGen, RSA-3072/SHA-384
1 ,
CRT, PKCS #1 V 1 1.5
18880
75222026
8K
121
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com