Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 120 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 120 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 116Page - Microchip Technology MPFS250T Datasheet HTML 117Page - Microchip Technology MPFS250T Datasheet HTML 118Page - Microchip Technology MPFS250T Datasheet HTML 119Page - Microchip Technology MPFS250T Datasheet HTML 120Page - Microchip Technology MPFS250T Datasheet HTML 121Page - Microchip Technology MPFS250T Datasheet HTML 122Page - Microchip Technology MPFS250T Datasheet HTML 123Page - Microchip Technology MPFS250T Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 128 page
background image
Table 152 • SPI Master Mode (PolarFire SoC Master)
Condition
Unit
Max
Typ
Min
Symbol
Parameter
During Program-
ming
MHz
Mhz
20
40
sp1
SCK frequency
During Initializa-
tion
ns
SCK_period/2
sp2
SCK minimum
pulse width high
ns
SCK_period/2
sp3
SCK minimum
pulse width low
Refer to PolarF-
ire SoC IBIS
models
3
ns
sp4
sp5
Rise and fall
time
ns
(SCK_period/2)
– 3.0
sp6m
SDO setup time
ns
(SCK_period/2)
– 2.0
sp7m
SDO hold time
ns
10.0
sp8m
SDI setup time
ns
–1.0
sp9m
SDI hold time
Notes:
1. Parameters are referenced to the active edge of SCK, which depends on the configured SPI protocol
(for example, Motorola SPI mode uses rising edge as active edge if SPO= 0).
2. SDI is clocked into SPI on active edge and clocked out on inactive edge. Therefore, SDO delay parameters
are dependent on SCK frequency (nominally SCK_period/2).
3. For specific rise/fall times, board design considerations, and detailed output buffer resistances, use the
corresponding IBIS models located online at Microsemi SoC Products Group.
Table 153 • SPI Slave Mode (PolarFire SoC Slave)
Condition
Unit
Max
Typ
Min
Symbol
Parameter
MHz
80
sp1
SCK frequency
ns
SCK_period/2
sp2
SCK minimum
pulse width high
ns
SCK_period/2
sp3
SCK minimum
pulse width low
Refer to PolarF-
ire SoC IBIS
models
3
ns
sp4
sp5
Rise and fall
time
ns
(SCK_period/2)
– 8.0
sp6s
SDO setup time
ns
SCK_period/2
sp7s
SDO hold time
116
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com