Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 119 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 119 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 115Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 116Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 117Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 118Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 119Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 120Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 121Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 122Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 119 of 232
TxCCTLn where n is the channel number, 0 or
1. The settings include input capture and
output compare modes.
13.6.4 Input Capture Mode
When the channel is configured as an input
capture channel, the I/O pin associated with
that channel is configured as an input. After
the timer has been started, either a rising
edge, falling edge or any edge on the input pin
triggers a capture of the 8-bit counter contents
into the associated capture register. Thus the
timer is able to capture the time when an
external event takes place.
The channel input pins are synchronized to the
internal system clock. Thus pulses on the input
pins must have a minimum duration greater
than the system clock period.
Note: before an I/O pin can be used by the
timer, the required I/O pin must be configured
as a Timer 3/4 peripheral pin as described in
sections 13.1.4.4 and 13.1.4.5 .
The content of the 8-bit capture registers is
read out from registers TxCCn.
When a capture takes place the interrupt flag
corresponding to the actual channel is set.
This is TIMIF.TxCHnIF. An interrupt request
is generated if the corresponding interrupt
mask bit TxCCTLn.IM is set.
13.6.5 Output Compare Mode
In output compare mode the I/O pin associated
with a channel shall be set to an output. After
the timer has been started, the contents of the
counter is compared with the contents of the
channel compare register TxCC0n. If the
compare register equals the counter contents,
the output pin is set, reset or toggled according
to the compare output mode setting of
TxCCTL.CMP1:0. Note that all edges on
output pins are glitch-free when operating in a
given compare output mode.
For simple PWM use, output compare modes
4 and 5 are preferred.
Writing to the compare register TxCC0 does
not take effect on the output compare value
until the counter value is 0x00. Writing to the
compare
register
TxCC1
takes
effect
immediately.
When a compare occurs the interrupt flag
corresponding to the actual channel is set.
This is TIMIF.TxCHnIF. An interrupt request
is generated if the corresponding interrupt
mask bit TxCCTLn.IM is set.
13.6.6 Timer 3 and 4 interrupts
There is one interrupt vector assigned to each
of the timers. These are T3 (interrupt 11) and
T4 (interrupt 12). An interrupt request is
generated when one of the following timer
events occur:
Counter reaches terminal count value.
Input capture event.
Output compare event
The SFR register TIMIF contains all interrupt
flags for Timer 3 and Timer 4. The register bits
TIMIF.TxOVFIF
and
TIMIF.TxCHnIF,
contains the interrupt flags for the two terminal
count value events and the four channel
compare/capture events, respectively. An
interrupt request is only generated when the
corresponding interrupt mask bit is set. If there
are
other
pending
interrupts,
the
corresponding interrupt flag must be cleared
by the CPU before a new interrupt request can
be generated. Also, enabling an interrupt mask
bit will generate a new interrupt request if the
corresponding interrupt flag is set.
13.6.7 Timer 3 and Timer 4 DMA triggers
There are two DMA triggers associated with
Timer 3 and two DMA triggers associated with
Timer 4. These are the following:
T3_CH0 : Timer 3 channel 0 compare
T3_CH1 : Timer 3 channel 1 compare
T4_CH0 : Timer 4 channel 0 compare
T4_CH0 : Timer 4 channel 1 compare
Refer to section 13.2 on page 86 for a
description on use of DMA channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com