Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 121 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 121 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 117Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 118Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 119Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 120Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 121Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 122Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 123Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 124Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 121 of 232
T3CCTL0 (0xCC) – Timer 3 Channel 0 Capture/Compare Control
Bit
Name
Reset
R/W
Description
7
-
0
R0
Unused
6
IM
1
R/W
Channel 0 interrupt mask
0 : interrupt is disabled
1 : interrupt is enabled
Channel 0 compare output mode select. Specified action on output
when timer value equals compare value in
T3CC0
000
Set output on compare
001
Clear output on compare
010
Toggle output on compare
011
Set output on compare-up, clear on 0 (clear on compare-
down in up/down mode)
100
Clear output on compare-up, set on 0 (set on compare-
down in up/down mode)
101
Set output on compare, clear on 0xFF
110
Clear output on compare, set on 0x00
5:3
CMP[7:0]
000
R/W
111
Not used
Mode. Select Timer 3 channel 0 capture or compare mode
0
Capture mode
2
MODE
0
R/W
1
Compare mode
Channel 0 capture mode select
00
No capture
01
Capture on rising edge
10
Capture on falling edge
1:0
CAP
00
R/W
11
Capture on all edges
T3CC0 (0xCD) – Timer 3 Channel 0 Capture/Compare Value
Bit
Name
Reset
R/W
Description
7:0
VAL[7:0]
0x00
R/W
Timer capture/compare value channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com