Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 144 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 144 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 140Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 141Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 142Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 143Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 144Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 145Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 146Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 147Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 144 of 232
13.11 Power On Reset and Brown Out
Detector
The
CC2430 includes a Power On Reset
(POR) and Brown Out Detector (BOD) in
order to protect the memory contents
during supply voltage variations and
provide correct initialization during power-
on.
When power is initially applied to the
CC2430 the Power On Reset (POR) and
Brown Out Detector (BOD) will hold the
device in reset state until the supply
voltage reaches above the Power On
Reset and Brown Out voltages as defined
in Table 4 on page 12.
Figure 32 shows the POR/BOD operation
with the 1.8V (typical) regulated supply
voltage together with the active low reset
signals BOD_RESET and POR_RESET
shown in the bottom of the figure.
The cause of the last reset can read from
the register bits SLEEP.RST.
0
UNREGULATED
1.8V REGULATED
POR RESET ASSERT FALLING VDD
BOD RESET ASSERT
POR RESET DEASSERT RISING VDD
VOLT
POR OUTPUT
BOD RESET
POR RESET
X
X
X
X
X
X
Figure 32 : Power On Reset and Brown Out Detector Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com