Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 146 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 146 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 142Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 143Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 144Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 145Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 146Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 147Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 148Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 149Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 146 of 232
The
timer
interval
is
set
by
the
WDCTL.INT[1:0] bits. In timer mode, a
reset will not be produced when the timer
interval has been reached.
13.12.3 Watchdog Timer Example
Figure 33 shows an example of periodical
clearing of an active watchdog timer.
; clear watchdog timer
MOV
WDCTL,#ABh
MOV
WDCTL,#5Bh
Figure 33: WDT Example
13.12.4 Watchdog Timer Register
This
section
describes
the
register,
WDCTL, for the Watchdog Timer.
WDCTL (0xC9) – Watchdog Timer Control
Bit
Name
Reset
R/W
Description
7:4
CLR[3:0]
0000
R/W
Clear timer. When 0xA followed by 0x5 is written to these bits, the
timer is loaded with 0x0. Note the timer will only be cleared when
0x5 is written within 0.5 watchdog clock period after 0xA was
written. Writing to these bits when
EN is 0 have no effect. These
bits are always be read as 0000.
Enable timer. When a 1 is written to this bit the timer is enabled
and starts incrementing. Writing a 0 to this bit in timer mode stops
the timer. Writing a 0 to this bit in watchdog mode has no effect.
0
Timer disabled (stop timer)
3
EN
0
R/W
1
Timer enabled
Mode select. This bit selects the watchdog timer mode.
0
Watchdog mode
2
MODE
0
R/W
1
Timer mode
Timer interval select. These bits select the timer interval defined as
a given number of 32.768 kHz oscillator periods.
00
clock period x 32768 (typical 1 s)
01
clock period x 8192 (typical 0.25 s)
10
clock period x 512 (typical 15.625 ms)
1:0
INT[1:0]
00
R/W
11
clock period x 64 (typical 1.9 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com