Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 149 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 149 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 145Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 146Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 147Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 148Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 149Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 150Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 151Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 152Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 149 of 232
In SPI master mode, the SSN pin is not
used. When the USART operates as an
SPI master and a slave select signal is
needed by an external SPI slave device,
then a general purpose I/O pin should be
used to implement the slave select signal
function in software.
13.13.4 Baud Rate Generation
An internal baud rate generator sets the
UART baud rate when operating in UART
mode and the SPI master clock frequency
when operating in SPI mode.
The
UxBAUD.BAUD_M[7:0]
and
UxGCR.BAUD_E[4:0] registers define
the baud rate used for UART transfers and
the rate of the serial clock for SPI
transfers. The baud rate is given by the
following equation:
F
M
BAUD
Baudrate
E
BAUD
+
=
28
_
2
2
)
_
256
(
where F is the system clock frequency, 16
MHz or 32 MHz.
The register values required for standard
baud rates are shown in Table 39 for a
typical system clock set to 32 MHz. The
table also gives the difference in actual
baud rate to standard baud rate value as a
percentage error.
The maximum baud rate for UART mode
is F/16 when BAUD_E is 16 and BAUD_M
is 0, and where F is the system clock
frequency.
The maximum baud rate for SPI mode and
thus SCK frequency, is F/2 when BAUD_E
is 19 and BAUD_M is 0. Setting higher
baud rates than this will give erroneous
results.
Baud rate (bps)
UxBAUD.BAUD_M
UxGCR.BAUD_E
Error (%)
2400
59
6
0.14
4800
59
7
0.14
9600
59
8
0.14
14400
216
8
0.03
19200
59
9
0.14
28800
216
9
0.03
38400
59
10
0.14
57600
216
10
0.03
76800
59
11
0.14
115200
216
11
0.03
230400
216
12
0.03
Table 39: Commonly used baud rate settings for 32 MHz system clock
13.13.5 USART flushing
The current operation can be aborted by
setting the UxUCR.FLUSH register bit. This
event will immediately stop the current
operation and clear all data buffers.
13.13.6 USART Interrupts
Each USART has two interrupts. These
are the RX complete interrupt (URXx) and
the TX complete interrupt (UTXx).
The USART interrupt enable bits are found
in the IEN0 and IEN2 registers. The
interrupt flags are located in the TCON and
IRCON2 registers. Refer to section 12.7 on
page 52 for details of these registers. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com