Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 179 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 179 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 175Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 176Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 177Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 178Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 179Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 180Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 181Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 182Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 179 of 232
PPDU
Acknowledge
Acknowledge
PPDU
t
ack = 12 s ym bol perio ds
t
ack = 1 2 - 30 s ym bol periods
t
backoffslot = 20 s ym bol periods
La
st
PP
DU
sy
m
bo
l
La
st
PP
DU
sy
m
bo
l
SLOTTED_ACK = 0
SLOTTED_ACK = 1
Figure 51: Acknowledge frame timing
14.20 Radio control state machine
CC2430 has a built-in state machine that is
used to switch between different operation
states (modes). The change of state is
done either by using command strobes or
by internal events such as SFD detected
in receive mode.
The radio control state machine states are
shown in Figure 52. The numbers in
brackets refer to the state number
readable in the FSMSTATE status register.
Reading the FSMSTATE status register is
primarily for test / debug purposes. The
figure assumes that the device is already
placed in the PM0 power mode.
Before using the radio in either RX or TX
mode, the voltage regulator and crystal
oscillator must be turned on and become
stable. The voltage regulator and crystal
oscillator startup times are given in the
section 7.4 on page 16.
The voltage regulator for the radio is
enabled by setting the RF register bit
RFPWR.RREG_RADIO_PD
high.
The
interrupt flag RFIF.IRQ_RREG_ON is set
to 1 when the voltage regulator has
powered-up.
The crystal oscillator is controlled through
the Power Management Controller. The
SLEEP.XOSC_STB bit indicates whether
the oscillator is running and stable or not
(see page 142). This SFR register can be
polled when waiting for the oscillator to
start.
For
test
purposes,
the
frequency
synthesizer (FS) can also be manually
calibrated and started by using the
STXCALN or ISTXCALN command strobe
(see section 0 and 0). This will not start a
transmission before a STXON command
strobe is issued. This is not shown in
Figure 52.
Enabling transmission is done by issuing a
STXON or STXONCCA command strobe.
Turning off RF can be accomplished by
using the SRFOFF command strobe.
After bringing the
CC2430 up to Power
Mode 0 (PM0) from a low-power mode
e.g. Power Mode 3 (PM3), all RF registers
will retain their values thus placing the chip
ready to operate at the correct frequency
and mode. Due to the very fast start-up
time,
CC2430 can remain in a low-power
mode until a transmission session is
requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com