Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 180 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 180 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 176Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 177Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 178Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 179Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 180Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 181Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 182Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 183Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 180 of 232
Wait for the specified crystal oscillator
start-up time, or poll the
SLEEP.XOSC_STB status bit
32 MHz Crystal Oscillator off
IDLE
[1]
Wait until voltage regulator
has powered up
RFIF.IRQ_RREG_ON = 1
Voltage Regulator Off
RFPWR.RREG_RADIO_PD set high
All States
except Power Down (PD)
SRFOFF
TX_CALIBRATE
[32]
All RX states
TX_PREAMBLE
[34, 35 and 36]
8 or 12 symbol
periods later
Preamble and SFD
is transmitted
TX_FRAME
[37, 38 and 39]
TXFIFO Data
is transmitted
RX_CALIBRATE
[2 and 40]
RX_SFD_SEARCH
[3, 4, 5 and 6]
RX_FRAME
[16 and 40]
12 symbol periods
later
SFD
found
Fr
am
e re
ceiv
ed
or
faile
d a
ddre
ss
rec
ogn
ition
Automatic or manual
acknowledge request
TX_ACK_CALIBRATE
[48 and 55]
12 - 30 symbol
periods later
TX_ACK_PREAMBLE
[49, 50 and 51]
TX_ACK
[52, 53 and 54]
Acknowledge
completed
RFPWR.RREG_RADIO_PD set low
SLEEP.OSC_PD set low
CLKCON.OSC set low
Figure 52: Radio control states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com