Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 182 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 182 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 178Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 179Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 180Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 181Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 182Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 183Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 184Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 185Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 182 of 232
14.24 Link Quality Indication
The
link
quality
indication
(LQI)
measurement is a characterization of the
strength and/or quality of a received
packet, as defined by [1].
The RSSI value described in the previous
section may be used by the MAC software
to produce the LQI value. The LQI value is
required by [1] to be limited to the range 0
through 255, with at least eight unique
values.
Software
is
responsible
for
generating the appropriate scaling of the
LQI value for the given application.
Using the RSSI value directly to calculate
the LQI value has the disadvantage that
e.g. a narrowband interferer inside the
channel bandwidth will increase the LQI
value although it actually reduces the true
link quality.
CC2430 therefore also provides
an average correlation value for each
incoming packet, based on the eight first
symbols following the SFD. This unsigned
7-bit value can be looked upon as a
measurement of the “chip error rate,”
although
CC2430
does not do chip
decision.
As
described
in
the
Frame
check
sequence section on page 175, the
average correlation value for the eight first
symbols is appended to each received
frame together with the RSSI and CRC
OK/not OK when MDMCTRL0L.AUTOCRC
is set. A correlation value of approx. 110
indicates a maximum quality frame while a
value of approx. 50 is typically the lowest
quality frames detectable by
CC2430.
Software must convert the correlation
value to the range 0-255 defined by [1],
e.g. by calculating:
LQI = (CORR – a) · b
limited to the range 0-255, where a and b
are found empirically based on PER
measurements as a function of the
correlation value.
A combination of RSSI and correlation
values may also be used to generate the
LQI value.
14.25 Clear Channel Assessment
The clear channel assessment signal is
based on the measured RSSI value and a
programmable
threshold.
The
clear
channel assessment function is used to
implement the CSMA-CA functionality
specified in [1]. CCA is valid when the
receiver has been enabled for at least 8
symbol periods.
Carrier
sense
threshold
level
is
programmed by RSSI.CCA_THR. The
threshold value can be programmed in
steps of 1 dB. A CCA hysteresis can also
be
programmed
in
the
MDMCTRL0H.CCA_HYST control bits.
All three CCA modes specified by [1] are
implemented in
CC2430. These are set in
MDMCTRL0L.CCA_MODE, as can be seen
in the register description. The different
modes are:
00
Reserved
01
Clear channel when received energy
is below threshold.
10
Clear channel when not receiving
valid IEEE 802.15.4 data.
11
Clear channel when energy is below
threshold and not receiving valid
IEEE 802.15.4 data
Clear channel assessment is available on
the RFSTATUS.CCA RF register bit.
RFSTATUS.CCA is active high. This
register bit will also set the interrupt flag
RFIF.IRQ_CCA.
Implementing CSMA-CA may easiest be
done by using the STXONCCA command
strobe given by the CSMA-CA/strobe
processor, as shown in the Radio control
state machine section on page 179.
Transmission will then only start if the
channel is clear. The TX_ACTIVE status
bit in the RFSTATUS RF register may be
used to detect the result of the CCA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com