Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 184 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 184 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 180Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 181Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 182Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 183Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 184Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 185Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 186Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 187Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 184 of 232
14.29 Input / Output Matching
The RF input / output is differential (RF_N
and RF_P). In addition there is supply
switch output pin (TXRX_SWITCH) that
must have an external DC path to RF_N
and RF_P.
In RX mode the TXRX_SWITCH pin is at
ground and will bias the LNA. In TX mode
the TXRX_SWITCH pin is at supply rail
voltage and will properly bias the internal
PA.
The RF output and DC bias can be done
using different topologies. Some are
shown in Figure 6 on page 30.
Component values are given in Table 24
on page 31. If a differential antenna is
implemented, no balun is required.
If a single ended output is required (for a
single ended connector or a single ended
antenna), a balun should be used for
optimum performance.
14.30 Transmitter Test Modes
CC2430 can be set into different transmit
test modes for performance evaluation.
The test mode descriptions in the following
sections requires that the chip is first reset,
the crystal oscillator is selected using the
CLKCON register and that the crystal
oscillator has stabilized.
14.30.1 Unmodulated carrier
An
unmodulated
carrier
may
be
transmitted
by
setting
MDMCTRL1L.TX_MODE
to
2,
writing
0x1800
to
the
DACTSTH:DACTSTL
registers and issue a STXON command
strobe. The transmitter is then enabled
while the transmitter I/Q DACs are
overridden to static values. An un-
modulated carrier will then be available on
the RF output pins.
A plot of the single carrier output spectrum
from
CC2430 is shown in Figure 54 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com