Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 183 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 183 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 179Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 180Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 181Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 182Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 183Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 184Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 185Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 186Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 183 of 232
14.26 Frequency and Channel
Programming
The operating frequency is set by
programming the 10 bit frequency word
located in FSCTRLH.FREQ[9:8] and
FSCTRLL.FREQ[7:0].
The
operating
frequency FC in MHz is given by:
FC = 2048 + FREQ[9:0] MHz
where FREQ[9:0] is the value given by
FSCTRLH.FREQ[9:8]:FSCTRLL.FREQ[7
:0]
In receive mode the actual LO frequency
is FC – 2 MHz, since a 2 MHz IF is used.
Direct conversion is used for transmission,
so here the LO frequency equals FC. The
2 MHz IF is automatically set by
CC2430,
so the frequency programming is equal for
RX and TX.
IEEE 802.15.4 specifies 16 channels
within the 2.4 GHz band, numbered 11
through 26. The RF frequency of channel
k is given by [1] :
FC = 2405 + 5 (k-11) MHz, k=11, 12, ..., 26
For
operation
in
channel
k,
the
FSCTRLH.FREQ:FSCTRLL.FREQ register
should therefore be set to:
FSCTRLH.FREQ:FSCTRLL.FREQ = 357 +
5 (k-11)
14.27 VCO and PLL Self-Calibration
14.27.1 VCO
The VCO is completely integrated and
operates at 4800 – 4966 MHz. The VCO
frequency is divided by 2 to generate
frequencies in the desired band (2400-
2483.5 MHz).
14.27.2 PLL self-calibration
The VCO's characteristics will vary with
temperature, changes in supply voltages,
and the desired operating frequency.
In order to ensure reliable operation the
VCO’s bias current and tuning range are
automatically calibrated every time the RX
mode or TX mode is enabled, i.e. in the
RX_CALIBRATE, TX_CALIBRATE and
TX_ACK_CALIBRATE control states in
Figure 52 on page 180.
14.28 Output Power Programming
The RF output power of the device is
programmable and is controlled by the
TXCTRLL.PA_LEVEL RF register. Table
43 shows the output power for different
settings,
including
the
complete
programming of the TXCTRLL control
register and the current consumption in
the radio itself.
PA_LEVEL
TXCTRLL
register
Output Power
[dBm]
Current
consumption [mA]
31
0xFF
0
17.4
27
0xFB
-1
16.5
23
0xF7
-3
15.2
19
0xF3
-5
13.9
15
0xEF
-7
12.5
11
0xEB
-10
11.2
7
0xE7
-15
9.9
3
0xE3
-25
8.5
Table 43: Output power settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com