Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 134 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 130Page - STMicroelectronics L9945 Datasheet HTML 131Page - STMicroelectronics L9945 Datasheet HTML 132Page - STMicroelectronics L9945 Datasheet HTML 133Page - STMicroelectronics L9945 Datasheet HTML 134Page - STMicroelectronics L9945 Datasheet HTML 135Page - STMicroelectronics L9945 Datasheet HTML 136Page - STMicroelectronics L9945 Datasheet HTML 137Page - STMicroelectronics L9945 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 151 page
background image
•
HS diagnostics
–
Vout > VOL indicates a STB (see Figure 36)
–
VLVT < Vout < VOL indicates an OL
–
Vout < VLVT is a normal condition for HS configuration
Refer to Table 36 for the diagnostic codes corresponding to the STB/STG and OL faults.
Refer to Section 6.4.2 for the VOL and VLVT thresholds value.
When an OL or STB/STG fault is detected, the corresponding diagnostic code is latched, but no action is taken on
the outputs.
Note:
Vout corresponds to DRNx pin for LS NMOS and HS PMOS configurations, while it's SNGPx pin for HS NMOS
configuration.
6.4.1
Settling and deglitch filter times
A filter time tDIAG has been implemented to allow settling of the output node voltage (Vout) before the comparison
to the diagnostic thresholds.
When an output is switched OFF, the tDIAG filter time is started. When the filter expires, Vout is compared to the
VLVT and VOL thresholds to determine the output diagnostic status (see Figure 36).
The filter time tDIAG can be programmed as follows:
Table 43. Diagnostic filter time selection for OFF state
tdiag_config_xx
Value
Unit
Values available for all configurations
00
25.6
µs
01
61.2
µs
10
105.6
µs
11
150
µs
Additional values available for H-Bridge configuration (refer to H-Bridge OFF state diagnostic timings)
00
11.2
µs
01
28.9
µs
10
40
µs
11
51.2
µs
While in the OFF state, the tDIAG filter is reset and restarts if one of the following condition occurs:
•
LS configuration
–
VLVT crossed with a negative slope (possible STG),
–
VOL crossed with a negative slope (possible OL),
•
HS configuration
–
VLVT crossed with a positive slope (possible OL),
–
VOL crossed with a positive slope (possible STB).
To avoid glitches on threshold crossing, a deglitch filter with tFIL_OFF timeout has been implemented. The deglitch
filter time tFIL_OFF is fixed (see Figure 36):
L9945
OFF state diagnostics
DS12275 - Rev 8
page 134/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com