Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 135 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 131Page - STMicroelectronics L9945 Datasheet HTML 132Page - STMicroelectronics L9945 Datasheet HTML 133Page - STMicroelectronics L9945 Datasheet HTML 134Page - STMicroelectronics L9945 Datasheet HTML 135Page - STMicroelectronics L9945 Datasheet HTML 136Page - STMicroelectronics L9945 Datasheet HTML 137Page - STMicroelectronics L9945 Datasheet HTML 138Page - STMicroelectronics L9945 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 151 page
background image
Table 44. Deglitch filter time for OFF state diagnostics
Symbol
Parameter
Min.
Max.
Unit
tFIL_OFF
Deglitch filter time for OFF state diagnostics
0.3
0.5
µs
Figure 36. Deglitch and settling filter times for OFF state diagnostics: (left) STG detection on LS; (right) STB detection
on HS
t
t
t
t
t
t
Transient
fault
t
t
GADG1303170949PS
No OL/STG
transition
ON → OFF
DIAG
t
FIL_OFF
t
OL
V
LVT
V
LS OFF Diagnostics
Vout
Fast charge
fault
Transient
counter
Settling
filter
Deglitch
STG
fault
Permanent
No OL/STB
transition
ON → OFF
discharge
Fast
counter
Settling
filter
Deglitch
DIAG
t
FIL_OFF
t
OL
V
LVT
V
HS OFF Diagnostics
Vout
STB
fault
Permanent
Note:
Vout corresponds to DRNx pin for LS NMOS and HS PMOS configurations, while it's SNGPx pin for HS NMOS
configuration.
6.4.2
Diagnostic thresholds
The diagnostic thresholds are fixed, as shown in the table below. They have been designed in tracking, thus both
spreading in the same direction.
Table 45. OFF state diagnostic thresholds
Symbol
Parameter
Min.
Max.
Unit
VLVT
Threshold for:
•
STG detection in LS config (Vout < VLVT)
•
OL detection in HS/LS config (VLVT < Vout < VOL)
1.9
2.3
V
VOL
Threshold for:
•
STB detection in HS config (Vout > VOL)
•
OL detection in HS/LS config (VLVT < Vout < VOL)
2.8
3.4
V
Note:
Vout corresponds to DRNx pin for LS NMOS and HS PMOS configurations, while it's SNGPx pin for HS NMOS
configuration.
L9945
OFF state diagnostics
DS12275 - Rev 8
page 135/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com