Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 140 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 136Page - STMicroelectronics L9945 Datasheet HTML 137Page - STMicroelectronics L9945 Datasheet HTML 138Page - STMicroelectronics L9945 Datasheet HTML 139Page - STMicroelectronics L9945 Datasheet HTML 140Page - STMicroelectronics L9945 Datasheet HTML 141Page - STMicroelectronics L9945 Datasheet HTML 142Page - STMicroelectronics L9945 Datasheet HTML 143Page - STMicroelectronics L9945 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 151 page
background image
6.7
Signal integrity check
For signal integrity purposes, the device offers the possibility of verifying the correct propagation and effects of the
control signals. The integrity of the output signals can be monitored via SPI issuing the following frames:
•
Frame 1 = 0xBAAAAAAA: channels 1 to 4 integrity report
•
Frame 2 = 0xCAAAAAAB: channels 5 to 8 integrity report
The response frame consists of 32 bit containing the following fields:
Table 51. Response frames to signal integrity requests
Response Frame
31-28
27
26-21
20
19
18
17
16
15
14
13
12-10
9-7
6-4
3-1
0
Frame issued
Fr1
1011
1
010101
V4
V3
V2
V1
C4
C3
C2
C1
PUPD4
PUPD3
PUPD2
PUPD1
P
Fr2
1100
1
010101
V8
V7
V6
V5
C8
C7
C6
C5
PUPD8
PUPD7
PUPD6
PUPD5
P
Note:
The SPI protocol is out of frame, meaning that the response to the current message will be issued on the
following frame.
Field description of Table 51 is listed below:
•
P: Parity bit, based on even parity calculation
•
PUPDx: Pull up / Pull down status. This field consists of 3 bit encoding the current status of the gate charge /
discharge current sources (IPU and IPD in Figure 12) for the xth channel. The code depends on the output
configuration:
High-Side with PFET
•
100 : IPD ON and IPU OFF→ transistor ON
•
010 : IPD OFF and IPU ON → transistor OFF
•
000 : IPD OFF and IPU OFF → output in three-state
•
Others : integrity of the output control is compromised
High-Side/Low-Side with NFET
•
010 : IPD ON and IPU OFF → transistor OFF
•
001 : IPD OFF and IPU ON → transistor ON
•
000: IPD OFF and IPU OFF → output in three-state
•
Others : integrity of the output control is compromised
•
Cx: Output control signal. This flag combines the control signals SPI_ON_OUTxx, NONx and
SPI_input_sel_xx to feedback if the xth channel is commanded ON or OFF
–
1 : output commanded ON
–
0 : output commanded OFF
•
Vx: Channel status. This flag provides feedback about the external FET output voltage (DRNx pin in case of
LS NMOS or HS PMOS, SNGPx pin in case of HS NMOS) through the internal diagnostic comparators
(refer to Section 6.4 for further information about diagnostics). The value of this bit depends on the channel
configuration:
High-Side with NFET/PFET
•
1 : Output voltage high (Vout > VOL) → transistor ON
•
0 : Output voltage low (Vout < VOL) → transistor OFF
Low-Side with NFET
•
1 : Drain voltage high (Vout > VLVT) → transistor OFF
•
0 : Drain voltage low (Vout < VLVT) → transistor ON
Note:
This information is not intended to replace diagnostics and must be used only to verify the control signal
integrity. Refer to Section 6.2 in order to understand how output diagnostic is performed and which are the
fault codes.
L9945
Signal integrity check
DS12275 - Rev 8
page 140/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com