Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 142 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 138Page - STMicroelectronics L9945 Datasheet HTML 139Page - STMicroelectronics L9945 Datasheet HTML 140Page - STMicroelectronics L9945 Datasheet HTML 141Page - STMicroelectronics L9945 Datasheet HTML 142Page - STMicroelectronics L9945 Datasheet HTML 143Page - STMicroelectronics L9945 Datasheet HTML 144Page - STMicroelectronics L9945 Datasheet HTML 145Page - STMicroelectronics L9945 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 151 page
background image
Table 52. TQFP64 (10x10x1 mm exp. pad down) package mechanical data
Ref
Min.
Typ.
Max.
Note
(see # in Notes below)
Ө
0°
3.5°
7°
-
Ө1
0°
-
-
-
Ө2
11°
12°
13°
-
Ө3
11°
12°
13°
-
A
-
-
1.2
15
A1
0.05
-
0.15
12
A2
0.95
1
1.05
15
b
0.17
0.22
0.27
9, 11
b1
0.17
0.2
0.23
11
c
0.09
-
0.2
11
c1
0.09
-
0.16
11
D
-
12.00 BSC
-
4
D1
-
10.00 BSC
-
5, 2
D2
-
-
6.4
13
D3
4.8
-
-
14
e
-
0.50 BSC
-
-
E
-
12.00 BSC
-
4
E1(*)
-
10.00 BSC
-
5, 2
E2
-
-
6.4
13
E3
4.8
-
-
14
L
0.45
0.6
0.75
-
L1
-
1.00 REF
-
-
N
-
64
-
16
R1
0.08
-
-
-
R2
0.08
-
0.2
-
S
0.2
-
-
-
Tolerance of form and position
aaa
-
0.2
-
1, 7
bbb
-
0.2
-
ccc
-
0.08
-
ddd
-
0.08
-
Notes
1.
Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994.
2.
The Top package body size may be smaller than the bottom package size up to 0.15 mm.
3.
Datum A-B and D to be determined at datum plane H.
4.
To be determined at seating datum plane C.
5.
Dimensions D1 and E1 do not include mold flash or protrusions. Allowable mold flash or protrusions is “0.25
mm” per side. D1 and E1 are Maximum plastic body size dimensions including mold mismatch.
L9945
TQFP64 (10x10x1 mm exp. pad down) package information
DS12275 - Rev 8
page 142/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com