Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9945 Datasheet(PDF) 147 Page - STMicroelectronics

Part # L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 143Page - STMicroelectronics L9945 Datasheet HTML 144Page - STMicroelectronics L9945 Datasheet HTML 145Page - STMicroelectronics L9945 Datasheet HTML 146Page - STMicroelectronics L9945 Datasheet HTML 147Page - STMicroelectronics L9945 Datasheet HTML 148Page - STMicroelectronics L9945 Datasheet HTML 149Page - STMicroelectronics L9945 Datasheet HTML 150Page - STMicroelectronics L9945 Datasheet HTML 151Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 147 / 151 page
background image
6.1.2
VDD5 Overvoltage/Undervoltage .......................................... 118
6.1.3
BIST & HWSC......................................................... 119
6.1.4
VPS undervoltage ...................................................... 120
6.1.5
Charge pump undervoltage............................................... 120
6.1.6
SPI enable bit ......................................................... 121
6.1.7
Protection disable bit.................................................... 121
6.1.8
EN6 input ............................................................ 121
6.1.9
NRES assertion ....................................................... 121
6.1.10
Communication Check (CC) .............................................. 121
6.2
Diagnostics overview .........................................................122
6.3
ON state diagnostics..........................................................124
6.3.1
Behavior in case of OC detection .......................................... 124
6.3.2
Output re-engagement strategy after an OC event ............................. 125
6.3.3
OC sensing strategy .................................................... 125
6.3.4
OC threshold selection .................................................. 126
6.3.5
OC detection timings.................................................... 128
6.3.6
Temperature compensation for OC threshold ................................. 129
6.3.7
Battery compensation for OC threshold...................................... 130
6.3.8
Reading the compensated OC threshold..................................... 131
6.3.9
OC detection schematics ................................................ 131
6.4
OFF state diagnostics.........................................................133
6.4.1
Settling and deglitch filter times............................................ 134
6.4.2
Diagnostic thresholds ................................................... 135
6.4.3
Internal regulator for open load (OL) detection ................................ 135
6.4.4
Fast charge/discharge currents............................................ 136
6.5
Silent diagnostic pulses for static loads ..........................................138
6.6
Summary of disable sources and faults ..........................................139
6.7
Signal integrity check .........................................................139
7
Package information............................................................ 141
7.1
TQFP64 (10x10x1 mm exp. pad down) package information ........................141
Revision history ..................................................................... 144
L9945
Contents
DS12275 - Rev 8
page 147/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com